Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD5.241-L1 Arkusz danych(PDF) 2 Page - PULS GmbH

Numer części CD5.241-L1
Szczegółowy opis  DC/DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULS [PULS GmbH]
Strona internetowa  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241-L1 Arkusz danych(HTML) 2 Page - PULS GmbH

  CD5.241-L1 Datasheet HTML 1Page - PULS GmbH CD5.241-L1 Datasheet HTML 2Page - PULS GmbH CD5.241-L1 Datasheet HTML 3Page - PULS GmbH CD5.241-L1 Datasheet HTML 4Page - PULS GmbH CD5.241-L1 Datasheet HTML 5Page - PULS GmbH CD5.241-L1 Datasheet HTML 6Page - PULS GmbH CD5.241-L1 Datasheet HTML 7Page - PULS GmbH CD5.241-L1 Datasheet HTML 8Page - PULS GmbH CD5.241-L1 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CD5.241-L1
CD-Series
DC/DC Converter 24V, 3.8A
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
Input Voltage ......................................................4
4.
Soft-start and Input Inrush Current Surge .........5
5.
Output .................................................................6
6.
Hold-up Time.......................................................7
7.
Efficiency and Power Losses................................8
8.
Functional Diagram.............................................9
9.
Front Side and User Elements.............................9
10. Terminals and Wiring........................................10
11. Reliability ...........................................................10
12. EMC....................................................................11
13. Environment ......................................................12
14. Protection Features ...........................................13
15. Safety Features ..................................................13
16. Dielectric Strength ............................................14
17. Approvals...........................................................15
18. RoHS, REACH and Other Fulfilled Standards .. 16
19. Physical Dimensions and Weight ..................... 16
20. Accessories ........................................................ 17
21. Application Notes............................................. 18
21.1. Peak Current Capability ...........................18
21.2. Back-feeding Loads ..................................18
21.3. Inductive and Capacitive Loads................18
21.4. External Input Protection.........................19
21.5. Requirements for the Supplying Source..19
21.6. Parallel Use to Increase Output Power....19
21.7. Parallel Use for Redundancy ....................19
21.8. Series Operation .......................................20
21.9. Charging of Batteries ...............................20
21.10. Use in a Tightly Sealed Enclosure ............20
21.11. Mounting Orientations ............................21
The information presented in this document is believed to be accurate and reliable and may change without notice.
Some parts of this unit are patent by PULS (US patent No 091662,063, Des. 424,529, …).
No part of this document may be reproduced or utilized in any form without permission in writing from PULS GmbH.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
DC 24V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
24Vdc
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
Mar. 2016 / Rev. 1.2 DS-CD5.241-L1-EN
All parameters are specified at 24V, 3.8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/21


Podobny numer części - CD5.241-L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
CD5.241-S1 PULS-CD5.241-S1 Datasheet
640Kb / 23P
   DC/DC Converter
More results

Podobny opis - CD5.241-L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com