Zakładka z wyszukiwarką danych komponentów |
|
CD5.241-L1 Arkusz danych(PDF) 6 Page - PULS GmbH |
|
CD5.241-L1 Arkusz danych(HTML) 6 Page - PULS GmbH |
6 / 21 page CD5.241-L1 CD-Series DC/DC Converter 24V, 3.8A 5. OUTPUT Output voltage nom. 24V Adjustment range min. - not adjustable Factory setting 24.1V ±0.2%, at full load, cold unit Line regulation max. 25mV Input voltage variations between 18 to 32.4Vdc Load regulation max. 100mV static value, 0A 3.8A Ripple and noise voltage max. 50mVpp 20Hz to 20MHz, 50Ohm Output current nom. 3.8A see Fig. 5-1 Output power nom. 92W Short-circuit current min. 3A continuous current, short circuit impedance 200mOhm max. 6A continuous current, short circuit impedance 200mOhm Output capacitance typ. 2 200μF Fig. 5-1 Output voltage vs. output current, typ. Fig. 5-2 Current limitation vs. input voltage, (23V constant voltage load), typ. Output Voltage 0 6/21 02 4 4 8 12 28V 16 20 24 6A 3 1 5 Output Current Output Current 3.8 14 18 22 3.9 4.0 4.1 4.3A 32Vd 24 20 16 4.2 26 28 30 3.7 Input Voltage c Peak current capability (up to several milliseconds) The DC/DC converter can deliver a peak current, which is higher than the specified short term current. This helps to start current demanding loads or to safely operate subsequent circuit breakers. The extra current is supplied by the output capacitors inside the DC/DC converter. During this event, the capacitors will be discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 21.1. Peak current voltage dips typ. from 24V to 16V at 7.6A for 50ms, resistive load typ. from 24V to 12.5V at 15.2A for 2ms, resistive load typ. from 24V to 8.5V at 15.2A for 5ms, resistive load Mar. 2016 / Rev. 1.2 DS-CD5.241-L1-EN All parameters are specified at 24V, 3.8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted. www.pulspower.com Phone +49 89 9278 0 Germany |
Podobny numer części - CD5.241-L1 |
|
Podobny opis - CD5.241-L1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |