Zakładka z wyszukiwarką danych komponentów |
|
CD5.241-L1 Arkusz danych(PDF) 7 Page - PULS GmbH |
|
CD5.241-L1 Arkusz danych(HTML) 7 Page - PULS GmbH |
7 / 21 page CD5.241-L1 CD-Series DC/DC Converter 24V, 3.8A 6. HOLD-UP TIME The input side of the DC/DC converter is equipped with a bulk capacitor which keeps the output voltage alive for a certain period of time when the input voltage dips or is removed. The bulk capacitor can be discharged by loading the DC/DC converter on the output side or through a load which is parallel to the input. There is no protection in the DC/DC converter which prevents current from flowing back to the input terminals. If prevention is needed, an external diode should be used. Hold-up Time typ. 13.8ms input 24Vdc, output: 24Vdc, 1.9A, see Fig. 6-1 typ. 7ms input 24Vdc, output: 24Vdc, 3.8A, see Fig. 6-1 Fig. 6-1 Hold-up time vs. input voltage 0 2 4 6 8 12ms 18 20 22 24 28Vdc Input Voltage Hold-up Time (a) 24V, 1.9A, typ. (b) 24V, 1.9A, min. (c) 24V, 3.8A, typ. (d) 24V, 3.8A, min. 10 26 (a) (b) (c) (d) Fig. 6-2 Shut-down test setup Fig. 6-3 Shut-down behavior, definitions 7/21 Load + - DC/DC Converter DC Source + - Input Output + - CD5 S1 - 5% Hold-up Time Output Voltage Intput Voltage S1 opens Note: At no load, the hold-up time can be up to several seconds. The green DC-ok lamp is also on during this time. Mar. 2016 / Rev. 1.2 DS-CD5.241-L1-EN All parameters are specified at 24V, 3.8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted. www.pulspower.com Phone +49 89 9278 0 Germany |
Podobny numer części - CD5.241-L1 |
|
Podobny opis - CD5.241-L1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |