Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD5.241-L1 Arkusz danych(PDF) 1 Page - PULS GmbH

Numer części CD5.241-L1
Szczegółowy opis  DC/DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULS [PULS GmbH]
Strona internetowa  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241-L1 Arkusz danych(HTML) 1 Page - PULS GmbH

  CD5.241-L1 Datasheet HTML 1Page - PULS GmbH CD5.241-L1 Datasheet HTML 2Page - PULS GmbH CD5.241-L1 Datasheet HTML 3Page - PULS GmbH CD5.241-L1 Datasheet HTML 4Page - PULS GmbH CD5.241-L1 Datasheet HTML 5Page - PULS GmbH CD5.241-L1 Datasheet HTML 6Page - PULS GmbH CD5.241-L1 Datasheet HTML 7Page - PULS GmbH CD5.241-L1 Datasheet HTML 8Page - PULS GmbH CD5.241-L1 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CD5.241-L1
CD-Series
DC/DC Converter 24V, 3.8A
DC/DC CONVERTER
24V DC-Input
Isolated 24Vdc Output
NEC Class 2 Output
Quick-connect Spring-clamp Connection Terminals
Efficiency up to 90.5%
Width only 32mm
Full Power Between -25°C and +60°C
Soft-start Function Included
Minimal Inrush Current Surge
Reverse Input Polarity Protection
3 Year Warranty
1/21
GENERAL DESCRIPTION
The Dimension CD-Series offer DIN-rail DC/DC converters
in the 92-120W output power range in a very compact
housing. These DC/DC converters are allowed to run
with a battery or similar sources or can also be used to
refresh and stabilize the 24Vdc on the end of long cable
runs. The basic units include all the essential basic
functions while the -S1 version is equipped with quick-
connect spring clamp terminals, a DC-OK-contact which
monitors the output and an input-low-relay-contact.
The –L1 version additionally fulfills the NEC Class 2
requirements. All devices except the CD5.241-L1 have a
PowerBoost of 20% incorporated. This extra power can
even be used continuously up to +45°C.
CD5.241
CD5.242
CD5.243
CD5.241-S1
24V->24V,
Spring-clamp-terminals,
Input-low, DC-OK signals
CD-Series
Related products
24V->24V
48V->24V
12V->24V
CD5.241-L1
24V->24V, NEC Class 2,
Spring-clamp-terminals,
CD5.121
24V->12V
SLD2.100
24V->5V
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
not adjustable
Output current
3.8A
NEC Class 2
Output power
92W
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
DC 24V
Input voltage range
14.4 to 32.4Vdc
full specified
Input current
typ. 4.25A
at 24Vdc input
Input inrush current
typ. 1.2A peak
Efficiency
90.5%
at 24Vdc input
Losses
9.7W
at 24Vdc input
Temperature range -25°C to +70°C
operational
Derating
0W/°C
+60 to +70°C
Hold-up time
typ. 7ms
at 24Vdc input
Dimensions
32x124x102mm
WxHxD
Weight
425g / 0.94lb
ORDER NUMBERS
DC/DC Converter
CD5.241-L1
Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM11.SIDE
Side mount bracket
MARKINGS
Ind. Cont. Eq.
UL 508
UL 60950-1
UL 61010-1
EMC, ATEX
Class I Div 2
IECEx
ATEX
II 3G Ex nA nC II T4 Gc
Marine
Mar. 2016 / Rev. 1.2 DS-CD5.241-L1-EN
All parameters are specified at 24V, 3.8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Podobny numer części - CD5.241-L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
CD5.241-S1 PULS-CD5.241-S1 Datasheet
640Kb / 23P
   DC/DC Converter
More results

Podobny opis - CD5.241-L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com