Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD5.241-S1 Arkusz danych(PDF) 10 Page - PULS GmbH

Numer części CD5.241-S1
Szczegółowy opis  DC/DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULS [PULS GmbH]
Strona internetowa  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241-S1 Arkusz danych(HTML) 10 Page - PULS GmbH

Back Button CD5.241-S1 Datasheet HTML 6Page - PULS GmbH CD5.241-S1 Datasheet HTML 7Page - PULS GmbH CD5.241-S1 Datasheet HTML 8Page - PULS GmbH CD5.241-S1 Datasheet HTML 9Page - PULS GmbH CD5.241-S1 Datasheet HTML 10Page - PULS GmbH CD5.241-S1 Datasheet HTML 11Page - PULS GmbH CD5.241-S1 Datasheet HTML 12Page - PULS GmbH CD5.241-S1 Datasheet HTML 13Page - PULS GmbH CD5.241-S1 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
CD5.241-S1
CD-Series
DC/DC Converter 24V, 5A
10. TERMINALS AND WIRING
Input
Output
DC-OK and Input-low
Signal
Type
spring-clamp terminals
spring-clamp terminals
Plug-connector, screw type
Solid wire
max. 6mm2
max. 6mm2
max. 1.5mm2
Stranded wire
max. 4mm2
max. 4mm2
max. 1.5mm2
American Wire Gauge
20-10 AWG
20-10 AWG
22-14 AWG
Wire stripping length
10mm / 0.4inch
10mm / 0.4inch
6mm / 0.25inch
Screwdriver
not applicable
not applicable
3.5mm slotted or
Pozidrive No 2
Recommended tightening torque
not applicable
not applicable
0.4Nm, 3.5lb.in
Instructions:
a) The external circuitry of all terminals (including signalling contacts) must meet the safety requirements stipulated by
IEC/EN/UL 60950-1: SELV.
b) Use appropriate copper cables that are designed for an operating temperature of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C minimum.
c) Follow national installation codes and installation regulations!
d) Ensure that all strands of a stranded wire enter the terminal connection!
e) Do not load the terminals with more than 25A! See section 23.9
f) Screws of unused terminal compartments should be securely tightened.
g) Ferrules are allowed.
h) Do not connect or disconnect the wires from the terminals below -25°C (-13°F).
11. RELIABILITY
Input 24Vdc
Lifetime expectancy *)
180 000h
at 24V, 2.5A and 40°C
60 000h
at 24V, 5A and 40°C
33 000h
at 24V, 6A and 40°C
169 000h
at 24V, 5A and 25°C
MTBF **) SN 29500, IEC 61709
1 048 000h
at 24V, 5A and 40°C
1 719 000h
at 24V, 5A and 25°C
MTBF **) MIL HDBK 217F
602 000h
at 24V, 5A and 40°C; Ground Benign GB40
807 000h
at 24V, 5A and 25°C; Ground Benign GB25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The prediction model allows only a calculation of up to 15 years from date of shipment.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
Mar. 2016 / Rev. 1.5 DS-CD5.241-S1-EN
All parameters are specified at 24V, 5A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/23


Podobny numer części - CD5.241-S1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
CD5.241-L1 PULS-CD5.241-L1 Datasheet
546Kb / 21P
   DC/DC Converter
More results

Podobny opis - CD5.241-S1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com