Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD5.241-S1 Arkusz danych(PDF) 11 Page - PULS GmbH

Numer części CD5.241-S1
Szczegółowy opis  DC/DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULS [PULS GmbH]
Strona internetowa  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241-S1 Arkusz danych(HTML) 11 Page - PULS GmbH

Back Button CD5.241-S1 Datasheet HTML 7Page - PULS GmbH CD5.241-S1 Datasheet HTML 8Page - PULS GmbH CD5.241-S1 Datasheet HTML 9Page - PULS GmbH CD5.241-S1 Datasheet HTML 10Page - PULS GmbH CD5.241-S1 Datasheet HTML 11Page - PULS GmbH CD5.241-S1 Datasheet HTML 12Page - PULS GmbH CD5.241-S1 Datasheet HTML 13Page - PULS GmbH CD5.241-S1 Datasheet HTML 14Page - PULS GmbH CD5.241-S1 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CD5.241-S1
CD-Series
DC/DC Converter 24V, 5A
12. DC-OK RELAY CONTACT
This feature is only available on the model CD5.241-S1 and monitors the output voltage, which is produced by the
DC/DC converter itself. It is independent of a back-fed voltage from a unit which is connected in parallel to the DC/DC
converter output. It is a “Normally Open” contact.
Contact closes
As soon as the output voltage reaches the adjusted output voltage.
Contact opens
As soon as the output voltage dips more than 10% below the adjusted output voltage.
Short dips will be extended to a signal length of 250ms. Dips shorter than 1ms will be ignored.
Contact re-closes
As soon as the output voltage exceeds 90% of the adjusted voltage.
Contact ratings
max
60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A, resistive load
min
1mA at 5Vdc (minimum permissible load)
Isolation voltage
See dielectric strength table in section 18.
Note:
The DC-ok feature requires that the output voltage reaches the nominal (=adjusted) level after turn-on in order to
function according to specification. If this level cannot be achieved, the overload lamp will be on and the DC-ok
contact will be open. The overload signal will only shut off as soon as the adjusted voltage is reached. This is an
important condition to consider particularly, if the load is a battery, the DC/DC converter is used in parallel or the
DC/DC converter is used for N+1 redundant systems.
Fig. 12-1 DC-ok relay contact behavior
250ms
90%
V
ADJ
<
1ms
10%
11/23
open
V
OUT= VADJ
open
closed
closed
>
1ms
13. INPUT-LOW RELAY CONTACT
This feature monitors the input voltage of the DC/DC converter. It is a “Normally Closed” contact. It can be used to get
an alarm signal when the supplying battery becomes flat (under-voltage logout)
Contact is closed
When the input voltage falls below 19.5Vdc (typ.)
Contact opens
As soon as the input voltage reaches 20.5 Vdc (typ.)
Contact ratings
max
60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A, resistive load
min
1mA at 5Vdc (minimum permissible load)
Isolation voltage
See dielectric strength table in section 18.
Mar. 2016 / Rev. 1.5 DS-CD5.241-S1-EN
All parameters are specified at 24V, 5A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Podobny numer części - CD5.241-S1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
CD5.241-L1 PULS-CD5.241-L1 Datasheet
546Kb / 21P
   DC/DC Converter
More results

Podobny opis - CD5.241-S1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com