Zakładka z wyszukiwarką danych komponentów |
|
CD5.241-S1 Arkusz danych(PDF) 6 Page - PULS GmbH |
|
CD5.241-S1 Arkusz danych(HTML) 6 Page - PULS GmbH |
6 / 23 page CD5.241-S1 CD-Series DC/DC Converter 24V, 5A 5. OUTPUT Output voltage nom. 24V Adjustment range min. 24-28V *) max. 30V at clockwise end position of potentiometer Factory setting 24.1V ±0.2%, at full load, cold unit Line regulation max. 25mV Input voltage variations between 18 to 32.4Vdc Load regulation max. 150mV static value, 0A 5A Ripple and noise voltage max. 50mVpp 20Hz to 20MHz, 50Ohm Output capacitance typ. 2 200μF Output current nom. 6A at 24V, ambient < 45°C, see Fig. 5-1 nom. 5A at 24V, ambient < 60°C, see Fig. 5-1 nom. 5.2A at 28V, ambient < 45°C, see Fig. 5-1 nom. 4.3A at 28V, ambient < 60°C, see Fig. 5-1 Output power nom. 144W for ambient temperatures < 45°C nom. 120W for ambient temperatures < 60°C Short-circuit current min. 7A continuous current, short circuit impedance 200mOhm max. 10A continuous current, short circuit impedance 200mOhm *) extended guaranteed adjustment range down to 23V. Fig. 5-1 Output voltage vs. output current at 24Vdc input voltage, typ. Fig. 5-2 Current limitation vs. input voltage, (23V constant voltage load), typ. Output Voltage 0 04 8 4 8 12 28V 16 20 24 6/23 12A 10 6 2 Adjustment Range Output Current Output Current 5.8 15 21 27 5.9 6.0 6.1 6.6A 6.3 6.4 6.5 6.2 Input Voltage 30 24 18 33Vdc Peak current capability (up to several milliseconds) The DC/DC converter can deliver a peak current, which is higher than the specified short term current. This helps to start current demanding loads or to safely operate subsequent circuit breakers. The extra current is supplied by the output capacitors inside the DC/DC converter. During this event, the capacitors will be discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 23.1. Peak current voltage dips typ. from 24V to 18V at 10A for 50ms, resistive load typ. from 24V to 15V at 20A for 2ms, resistive load typ. from 24V to 11.5V at 20A for 5ms, resistive load Mar. 2016 / Rev. 1.5 DS-CD5.241-S1-EN All parameters are specified at 24V, 5A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted. www.pulspower.com Phone +49 89 9278 0 Germany |
Podobny numer części - CD5.241-S1 |
|
Podobny opis - CD5.241-S1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |