Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML15.051 Arkusz danych(PDF) 6 Page - PULS GmbH

Numer części ML15.051
Szczegółowy opis  5V, 3A, SINGLE PHASE INPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULS [PULS GmbH]
Strona internetowa  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.051 Arkusz danych(HTML) 6 Page - PULS GmbH

Back Button ML15.051 Datasheet HTML 2Page - PULS GmbH ML15.051 Datasheet HTML 3Page - PULS GmbH ML15.051 Datasheet HTML 4Page - PULS GmbH ML15.051 Datasheet HTML 5Page - PULS GmbH ML15.051 Datasheet HTML 6Page - PULS GmbH ML15.051 Datasheet HTML 7Page - PULS GmbH ML15.051 Datasheet HTML 8Page - PULS GmbH ML15.051 Datasheet HTML 9Page - PULS GmbH ML15.051 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ML15.051
MiniLine-2
5V, 3A, SINGLE PHASE INPUT
6. OUTPUT
Output voltage
nom.
5V
Adjustment range
min.
5-5.5V
guaranteed
max.
6V *)
at clockwise end position of potentiometer
Factory setting
5.1V
±0.2%, at full load, cold unit
Line regulation
max.
10mV
85-264Vac
Load regulation
max.
100mV
static value, 0A
3A
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
4 800μF
Output current
nom.
3A
at 5V, see Fig. 6-1
nom.
2.72A
at 5.5V, see Fig. 6-1
Output power
nom.
15W
Short-circuit current
min.
hiccup mode
see Fig. 6-2
max.
3A rms-current
short circuit impedance <10mOhm, unit makes start-up
attempts at short-circuit (hiccup-mode)
*)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not a
guaranteed value which can be achieved. The typical value which can be achieved by turning the potentiometer to the clock-wise end
position is 5.8V.
Fig. 6-1 Output voltage vs. output current,
typ.
Fig. 6-2 Hiccup mode; output current at
shorted output, 230Vac, typ.
Output Voltage
0
0
1
2
6V
3
4
5
3.5A
2.5
1.5
0.5
2.0
1.0
3.0
Adjustment
Range
Output Current
Continuous
Hiccup Mode
Output
Current
0
3.3A
45ms
t
235ms
235ms
Peak current capability (up to several milliseconds)
The power supply can deliver a peak current which is higher than the specified short term current. This helps to start
current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the power supply. During this event, the capacitors will be
discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 21.1.
Peak current voltage dips
typ.
from 5V to 2.4V
at 6A for 50ms, resistive load
typ.
from 5V to 1.0V
at 15A for 2ms, resistive load
typ.
from 5V to 0.8V
at 15A for 5ms, resistive load
Mar. 2013 / Rev. 2.1 DS-ML15.051-EN
All parameters are specified at 5V, 3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/22


Podobny numer części - ML15.051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
   12V, 1.3A, SINGLE PHASE INPUT
ML15.241 PULS-ML15.241 Datasheet
535Kb / 23P
   24V, 0.63A, SINGLE PHASE INPUT
More results

Podobny opis - ML15.051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP2480 MPS-MP2480 Datasheet
307Kb / 12P
   5V, 36V Input, 3A High Power LED Driver
logo
Sanyo Semicon Device
DBA30 SANYO-DBA30 Datasheet
92Kb / 2P
   3A Single-Phase Bridge Rectifier
logo
Rohm
BH6766FVM ROHM-BH6766FVM_12 Datasheet
472Kb / 13P
   5V Single-phase Full wave
BD6965NUX ROHM-BD6965NUX_12 Datasheet
492Kb / 16P
   5V Single-phase Full wave
BH6789FVM ROHM-BH6789FVM_12 Datasheet
480Kb / 14P
   5V Single-phase Full wave
BD6966NUX ROHM-BD6966NUX_12 Datasheet
494Kb / 16P
   5V Single-phase Full-wave
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com