Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML15.051 Arkusz danych(PDF) 7 Page - PULS GmbH

Numer części ML15.051
Szczegółowy opis  5V, 3A, SINGLE PHASE INPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULS [PULS GmbH]
Strona internetowa  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.051 Arkusz danych(HTML) 7 Page - PULS GmbH

Back Button ML15.051 Datasheet HTML 3Page - PULS GmbH ML15.051 Datasheet HTML 4Page - PULS GmbH ML15.051 Datasheet HTML 5Page - PULS GmbH ML15.051 Datasheet HTML 6Page - PULS GmbH ML15.051 Datasheet HTML 7Page - PULS GmbH ML15.051 Datasheet HTML 8Page - PULS GmbH ML15.051 Datasheet HTML 9Page - PULS GmbH ML15.051 Datasheet HTML 10Page - PULS GmbH ML15.051 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ML15.051
MiniLine-2
5V, 3A, SINGLE PHASE INPUT
7. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
typ.
61ms
93ms
340ms
at 5V, 1.5A, see Fig. 7-1
typ.
29.5ms
45ms
186ms
at 5V, 3A, see Fig. 7-1
Note: At no load, the hold-up time can be up to several seconds. The green DC-ok lamp is also on during this time
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
0
25
50
125
150ms
85
120
155
190
230Vac
Input Voltage
Hold-up Time
75
100
a) 5V 1.5A typ.
b) 5V 1.5Amin.
c) 5V 3A typ.
d) 5V 3A min.
a
b
c
d
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Input
Voltage
Mar. 2013 / Rev. 2.1 DS-ML15.051-EN
All parameters are specified at 5V, 3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/22


Podobny numer części - ML15.051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
   12V, 1.3A, SINGLE PHASE INPUT
ML15.241 PULS-ML15.241 Datasheet
535Kb / 23P
   24V, 0.63A, SINGLE PHASE INPUT
More results

Podobny opis - ML15.051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP2480 MPS-MP2480 Datasheet
307Kb / 12P
   5V, 36V Input, 3A High Power LED Driver
logo
Sanyo Semicon Device
DBA30 SANYO-DBA30 Datasheet
92Kb / 2P
   3A Single-Phase Bridge Rectifier
logo
Rohm
BH6766FVM ROHM-BH6766FVM_12 Datasheet
472Kb / 13P
   5V Single-phase Full wave
BD6965NUX ROHM-BD6965NUX_12 Datasheet
492Kb / 16P
   5V Single-phase Full wave
BH6789FVM ROHM-BH6789FVM_12 Datasheet
480Kb / 14P
   5V Single-phase Full wave
BD6966NUX ROHM-BD6966NUX_12 Datasheet
494Kb / 16P
   5V Single-phase Full-wave
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com