Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCD-7100 Arkusz danych(PDF) 1 Page - Gamewell-FCI by Honeywell

Numer części LCD-7100
Szczegółowy opis  Small Addressable Fire Alarm Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Strona internetowa  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

LCD-7100 Arkusz danych(HTML) 1 Page - Gamewell-FCI by Honeywell

  LCD-7100 Datasheet HTML 1Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 2Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 3Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S3 Series
Control Panel
Small Addressable
Fire Alarm Control Panel
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2016 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9021-60730 Rev. G page 1 of 4
FDNY:
COA-#6162
MEA
S1869
SIGNALING
7165-1703:0176
City of
Chicago
Approved
Class 1 Reference Certificate
of Compliance
VMA-45894-02C
APPROVED
FM
Description
The Gamewell-FCI, S3 Series Intelligent Fire Alarm Control
Panel provides the latest innovative high-end processing
power. The S3 Series is a digital, microprocessor-based
system that offers a simple, intuitive solution for the small
to mid-sized fire alarm applications.
In standalone or network configurations, the S3 Series
complies with most fire alarm application requirements. It
supports either of the following types of networks.
Up to 64 nodes using the 7100 Series panel.
Up to 122 nodes using the S3 Series or E3 Series®
panels.
Use either twisted-pair wire or fiber-optic to network panels
at a high-speed 625K baud ARCNET network bus.
With flexible Boolean logic, intelligent detection, and Ether-
net connectivity, this system provides power and versatility
that surpasses comparable, small addressable fire alarm
systems.
The basic S3 Series consists of an SLP (Smart Loop
Panel) main board, LCD-SLP touchscreen display, SLC
loop personality modules, and 7 amp power supply. The
SLP provides either one or two SLC loops in Class A or B
configuration that supports either of the following protocols:
Up to 318 devices per loop using the System Sensor®
protocol. If you add a second loop module, it increases
the maximum device count to 636 devices.
Up to 126 devices per loop using the Apollo protocol. If
you add a second loop module, it increases the maxi-
mum device count to 252 devices.
Four Class B or two Class A NACs can be wired and syn-
chronized using the System Sensor, Cooper-Wheelock, or
Gentex strobes. To retrofit the SLP on the existing audible/
visual appliances, the on-board Electronic EOL (EEOL)
automatically adjusts to the EOL resistor in the field.
A 4.3"
(10.92 cm) color touchscreen display screen shows
the following:
Events on the system
Status of analog addressable devices
Complete diagnostic fault codes/messages
Five programmable function buttons with LED status for
accessibility to the following functions:
- Disable/Enable
- Trouble Acknowledge
- Bypass Output
- Alarm Acknowledge
- Lamp Test
- Custom-defined
E3 Series®, System Sensor® and FocalPoint® are registered trademarks of Honeywell
International Inc.
UL® is a registered trademark of Underwriters Laboratories Inc.
Features
S3 Series
Listed per ANSI/UL® Standard 864 9th Edition.
IBC Seismic Certified.
Allows one SLC loop (expandable to two loops) that
supports either System Sensor or Apollo devices in
Class A or Class B (Style 4, 6 or 7).
System Sensor supports up to 318 intelligent
devices and each SLC loop supports the following.
- up to 159 detectors.
- up to 159 modules (expandable to 636 maximum
per panel).
Apollo supports up to 126 intelligent detectors and
modules per SLC. (Expandable to 252 maximum per
panel).
Includes a high resolution (4.3”)
(10.92 cm) color touch-
screen display.
Supports a network system of up to 122 nodes
(includes E3 Series® panels) or up to 64 nodes
(includes 7100 Series).
Provides 7.0 amp power supply (120VAC or 240VAC).
•Includes four Class B or two Class A built-in Notification
Appliance Circuits (NAC). Provides selectable System
Sensor, Cooper-Wheelock, or Gentex strobe synchroni-
zation.
Supports up to 32 serial annunciators (LCD, LED-only,
LED Switch).


Podobny numer części - LCD-7100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gamewell-FCI by Honeywe...
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
More results

Podobny opis - LCD-7100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
logo
D+H Mechatronic AG
BAZ04 DH-BAZ04 Datasheet
363Kb / 2P
   Fire door control panel
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com