Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B-07-J-B Arkusz danych(PDF) 1 Page - Amphenol Corporation

Numer części B-07-J-B
Szczegółowy opis  Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B-07-J-B Arkusz danych(HTML) 1 Page - Amphenol Corporation

  B-07-J-B Datasheet HTML 1Page - Amphenol Corporation B-07-J-B Datasheet HTML 2Page - Amphenol Corporation B-07-J-B Datasheet HTML 3Page - Amphenol Corporation B-07-J-B Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Glass Coated Bead
Thermistors
NTC Type B Series
Type B05/07/10/14
Small glass coated bead thermistors on fine diameter
platinum alloy lead-wires.
• Extremely small sizes
• Very fast thermal response times
• Low heat capacity and high power sensitivity
• Special thin glass coatings provide hermetic seal
• Suitable for self-heated applications such as: gas
chromatography, thermal conductivity analysis or gas
flow measurement
• Normal operating/storage temperatures range from
• -112°F (-80°C) to: 221°F (105°C) for Material system
E0, 392°F (200°C) for Material systems A1 through A4,
572°F (300°C) for Material systems A5 through D17
• Unaffected by severe environmental exposures,
including nuclear radiation
• Intermittent operation to 1112°F (600°C) is permissible,
however, stability will be degraded
Type B35/43
Large glass coated bead thermistors on fine diameter
platinum alloy lead-wires.
• Suitable for most low cost temperature measurement,
control or compensation applications.
• Special thin glass coatings provide hermetic seal
• Suitable for self-heated applications such as liquid level
sensing or gas flow measurement
• Normal operating/storage temperatures range from
• -112°F (-80°C) to: 221°F (105°C) for Material system
E0, 392°F (200°C) for Material systems A1 through A4,
572°F (300°C) for Material systems A5 through D17
• Unaffected by severe environmental exposures,
including nuclear radiation
• Intermittent operation to 1112°F (600°C) is permissible,
however, stability will be degraded
Amphenol
Advanced Sensors
Features


Podobny numer części - B-07-J-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
B-008-11 MACOM-B-008-11 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-13 MACOM-B-008-13 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-14 MACOM-B-008-14 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-15 MACOM-B-008-15 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
B-008-51 MACOM-B-008-51 Datasheet
42Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results

Podobny opis - B-07-J-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
BR11 AMPHENOL-BR11 Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
logo
Innovative Sensor Techn...
P10K.520.6W.B.010.D IST-P10K.520.6W.B.010.D Datasheet
382Kb / 2P
   Platinum sensor with wires on thin substrate For high temperatures
logo
Vishay Siliconix
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
logo
Fair-Rite Products Corp...
2773002111 FAIR-RITE-2773002111 Datasheet
519Kb / 5P
   73 BEAD ON LEAD
2773003112 FAIR-RITE-2773003112 Datasheet
551Kb / 5P
   73 BEAD ON LEAD
2773005112 FAIR-RITE-2773005112 Datasheet
552Kb / 5P
   73 BEAD ON LEAD
2761008112 FAIR-RITE-2761008112 Datasheet
618Kb / 5P
   61 BEAD ON LEAD
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com