Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1231 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części ADP1231
Szczegółowy opis  PRECISION SEMICONDUCTOR PRESSURE SENSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

ADP1231 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  ADP1231 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP1231 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP1231 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP1231 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
28
PF (ADP1)
DATA
1. Characteristics data
1-<1> Output characteristics
ADP1141
Drive current: 1.5 mA; temperature: 25°C 77°F
1-<2> Offset voltage – temperature
characteristics
ADP1141
Drive current: 1.5 mA; rating ±5%FS
1-<3> Sensitivity – temperature
characteristics (%FS)
ADP1141
Drive current: 1.5 mA; rating ±2.5%FS
100
80
60
40
20
0
–20
–40
49 {0.5}
0
98.1 {1}
kpa {kgf/cm2}
Rated pressure
4
3
2
1
0
–2
–1
25
47
0
32
50
122
Temperature (
°C °F)
4
3
2
1
0
–2
–1
25
47
0
32
50
122
Temperature (
°C °F)
2. Pressure cycle range (0 to rated pressure)
Tested sample: ADP1131, temperature: 25°C 77°F
–2
–1
0
0
1
2
1
×105
5
×105 1×106
Pressure cycle (cycle)
–2
–1
0
0
1
2
1
×105
5
×105 1×106
Pressure cycle (cycle)
Even after testing for 1 million times, the vari-
ations in the offset voltage and output span
voltage are minimal.
2-<1> Offset voltage range
2-<2> Output span voltage range
SPECIFICATIONS
Gauge pressure
Standard type (With glass base)
Type of pressure
Type
Air (For other medium, please consult us.)
Pressure medium
4.9
Rated
pressure
0.05
14.7
0.15
34.3
0.35
49.0
0.5
98.1
1.0
196.1
2.0
343.2
3.5
490.3
5.0
833.6
8.5
1.5 times the rated pressure
980.7
10.0
40.0
0.4
Twice the rated pressure
49.0
0.5
Unit: kPa
Unit: kgf/cm
2 (approx.)
Twice the rated pressure
Max. applied pressure
–20 to 100
°C –4 to 212°F (no freezing or condensation)
Ambient temperature
–40 to 120
°C –40 to 248°F (no freezing or condensation)
Storage temperature
0 to 50
°C 32 to 122°F
5 to 45
°C
41 to 113
°F
0 to 50
°C
32 to 122
°F
Temperature compensation range
1.5 mA DC
Drive current (constant current)
100
±40 mV
43.5
±22.5 mV 85±45 mV
40
±20 mV
Output span voltage
±20 mV
±15 mV ±25 mV
Offset voltage
5000
±1000 Ω
3300
±600 Ω 5000±1000 Ω
–5 to 50
°C
–7 to 122
°F
–20 to 100
°C
–4 to 212
°F
–20 to 70
°C
–4 to 158
°F
–40 to 120
°C
–70 to 248
°F
Bridge resistance
±0.7%FS
±0.6%FS
±15%FS
±10%FS
±5.0%FS
±2.5%FS
±10%FS
±1.3%FS
±8%FS
±2.5%FS
±0.5%FS
±0.4%FS
±0.3%FS
±0.2%FS
±0.5%FS
±0.6%FS
±0.3%FS
±0.4%FS
±0.7%FS
Linearity
Pressure hysteresis
Offset voltage-temperature
characteristics (0 to 50
°C 32 to 122°F)
Sensitivity-temperature
characteristics (0 to 50
°C 32 to 122°F)
Economy type
(Without glass base)
Notes) 1. Unless otherwise specified, measurements were taken with a drive current of1.5 mA ±0.01 mA at a temperature of 25°C 77°F and humidity ranging from 25% to
85%.
2. Please consult us if a pressure medium other than air is to be used.
3. This is the regulation which applies within the compensation temperature range.
4. Please consult us if the intended use involves a negative pressure.
PF PRESSURE SENSOR
2002.10.23 7:58 PM
Page 28


Podobny numer części - ADP1231

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP123 AD-ADP123 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP123-EVALZ AD-ADP123-EVALZ Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP123-EVALZ AD-ADP123-EVALZ Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP123-EVALZ AD-ADP123-EVALZ Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP123ACPZ-R7 AD-ADP123ACPZ-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
More results

Podobny opis - ADP1231

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KPF010D04 KEC-KPF010D04 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPF500G01A KEC-KPF500G01A Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03 KEC-KPF500G03 Datasheet
521Kb / 4P
   Semiconductor Pressure Sensor
KPF102G07 KEC-KPF102G07 Datasheet
551Kb / 2P
   Semiconductor Pressure Sensor
KPF500G02A KEC-KPF500G02A Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03A KEC-KPF500G03A Datasheet
522Kb / 4P
   Semiconductor Pressure Sensor
KPF500G01 KEC-KPF500G01 Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G02 KEC-KPF500G02 Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
logo
NXP Semiconductors
MPL3150A2 NXP-MPL3150A2 Datasheet
676Kb / 46P
   I2C precision pressure sensor
MPL3150A2S NXP-MPL3150A2S_V01 Datasheet
665Kb / 46P
   I2C precision pressure sensor
Rev. 1.4 - 29 September 2023
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com