Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN7031 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FAN7031
Szczegółowy opis  2W Stereo Power Amplifier with Four Selectable Gain Setting and Headphone Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7031 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7031 Datasheet HTML 2Page - Fairchild Semiconductor FAN7031 Datasheet HTML 3Page - Fairchild Semiconductor FAN7031 Datasheet HTML 4Page - Fairchild Semiconductor FAN7031 Datasheet HTML 5Page - Fairchild Semiconductor FAN7031 Datasheet HTML 6Page - Fairchild Semiconductor FAN7031 Datasheet HTML 7Page - Fairchild Semiconductor FAN7031 Datasheet HTML 8Page - Fairchild Semiconductor FAN7031 Datasheet HTML 9Page - Fairchild Semiconductor FAN7031 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FAN7031
6
Performance Characteristics
Figure 1. THD+N vs. Output Power
Figure 2. THD+N vs. Output Power
Figure 5. THD+N vs. Output Power
Figure 4. THD+N vs. Output Power
Figure 6. THD+N vs. Output Power
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
3
20m
50m
100m
200m
500m
1
2
Output Power [W]
BTL mode
VDD=5V
RL=4ohm
Av=6dB
20kHz
1kHz
20Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
3
20m
50m
100m
200m
500m
1
2
Output Power [W]
BTL mode
VDD=5V
RL=4ohm
Av=6dB
20kHz
1kHz
20Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
3
20m
50m
100m
200m
500m
1
2
Output Power [W]
BTL mode
VDD=5V
RL=8ohm
Av=6dB
1kHz
20Hz
20kHz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
3
20m
50m
100m
200m
500m
1
2
Output Power [W]
BTL mode
VDD=5V
RL=8ohm
Av=6dB
1kHz
20Hz
20kHz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
2
20m
50m
100m
200m
500m
1
Output Power [W]
BTL mode
VDD=3.3V
RL=4ohm
Av=6dB
20kHz
1kHz
20Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
2
20m
50m
100m
200m
500m
1
Output Power [W]
BTL mode
VDD=3.3V
RL=4ohm
Av=6dB
20kHz
1kHz
20Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
1
20m
50m
100m
200m
500m
Output Power [W]
BTL mode
VDD=3.3V
RL=8ohm
Av=6dB
20kHz
1kHz
20Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
1
20m
50m
100m
200m
500m
Output Power [W]
BTL mode
VDD=3.3V
RL=8ohm
Av=6dB
20kHz
1kHz
20Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
1
20m
50m
100m
200m
500m
Output Power [W]
BTL mode
VDD=2.7V
RL=4ohm
Av=6dB
20kHz
1kHz
20Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
1
20m
50m
100m
200m
500m
Output Power [W]
BTL mode
VDD=2.7V
RL=4ohm
Av=6dB
20kHz
1kHz
20Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
1
20m
50m
100m
200m
500m
Output Power [W]
BTL mode
VDD=2.7V
RL=8ohm
Av=6dB
20kHz
1kHz
20Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
1
20m
50m
100m
200m
500m
Output Power [W]
BTL mode
VDD=2.7V
RL=8ohm
Av=6dB
20kHz
1kHz
20Hz
Figure 3. THD+N vs. Output Power


Podobny numer części - FAN7031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN7033MP FAIRCHILD-FAN7033MP Datasheet
418Kb / 20P
   2W Stereo Power Amplifier with Fixed Gain
More results

Podobny opis - FAN7031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anpec Electronics Corop...
APA2051 ANPEC-APA2051 Datasheet
793Kb / 32P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
APA2057A ANPEC-APA2057A Datasheet
894Kb / 31P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
APA2057A ANPEC-APA2057A_09 Datasheet
831Kb / 34P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com