Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC322600PBXNBXXZL-PF Arkusz danych(PDF) 3 Page - Advanced Crystal Technology

Numer części TC322600PBXNBXXZL-PF
Szczegółowy opis  TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACT [Advanced Crystal Technology]
Strona internetowa  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TC322600PBXNBXXZL-PF Arkusz danych(HTML) 3 Page - Advanced Crystal Technology

  TC322600PBXNBXXZL-PF Datasheet HTML 1Page - Advanced Crystal Technology TC322600PBXNBXXZL-PF Datasheet HTML 2Page - Advanced Crystal Technology TC322600PBXNBXXZL-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(V)TCSW32 Series
TCXO/VC‐TCXO, 3.2 x 2.5mm, Clipped sine wave
 Drawing control: (Internal use only)
 Commodity code: 854370 90 99
 Issue number : 1
Date : 11042016
Internal reference : M6
Solder reflow profile
Test circuit 
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
CL
Pin 1
Pin 2
Pin 3
Pin 4
CD
RL
Output
GND
GND for TCXO
Vc for VCTCXO
Vcc
V
A
Supply
Vcc
0.01µF
Clipped sine waveform
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max


Podobny numer części - TC322600PBXNBXXZL-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN FUMAN ELECTRON...
TC3200 FUMAN-TC3200 Datasheet
147Kb / 3P
   Low noise DC/DC converter IC
logo
Toshiba Semiconductor
TC32168FTG TOSHIBA-TC32168FTG Datasheet
1Mb / 91P
   5.8 GHz RF Transceiver for ETC including Modem/Wakeup
2016-08-31 Ver. 1
TC32169FTG TOSHIBA-TC32169FTG Datasheet
1Mb / 91P
   5.8 GHz RF Transceiver for ETC including Modem/Wakeup
2017-09-19 Ver. 1
logo
Productwell Precision E...
TC3216D-201M PRODUCTWELL-TC3216D-201M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3216D-301M PRODUCTWELL-TC3216D-301M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Podobny opis - TC322600PBXNBXXZL-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Crystal Techno...
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
QUARTZCOM the communica...
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com