Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM4190SRIZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADuM4190SRIZ
Szczegółowy opis  High Stability Isolated Error Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM4190SRIZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADuM4190SRIZ Datasheet HTML 6Page - Analog Devices ADuM4190SRIZ Datasheet HTML 7Page - Analog Devices ADuM4190SRIZ Datasheet HTML 8Page - Analog Devices ADuM4190SRIZ Datasheet HTML 9Page - Analog Devices ADuM4190SRIZ Datasheet HTML 10Page - Analog Devices ADuM4190SRIZ Datasheet HTML 11Page - Analog Devices ADuM4190SRIZ Datasheet HTML 12Page - Analog Devices ADuM4190SRIZ Datasheet HTML 13Page - Analog Devices ADuM4190SRIZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
ADuM4190
Rev. 0 | Page 9 of 20
–40
–20
100
50
60
70
80
90
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 10. Op Amp Open-Loop Gain vs. Temperature
–40
–20
1.05
1.00
1.01
1.02
1.03
1.04
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 11. EAOUT Gain vs. Temperature
–40
–20
2.66
2.56
2.58
2.60
2.62
2.64
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 12. EAOUT2 Gain vs. Temperature
–40
–20
0
–100
–80
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 13. EAOUT Offset Voltage vs. Temperature
–40
–20
100
–100
–50
0
50
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 14. EAOUT2 Offset Voltage vs. Temperature
CH1 10mV
CH2 10mV
M4.0µs
A CH1
1.18V
T
102.4ns
1
2
Figure 15. Output Noise with Test Circuit 1 (10 mV/DIV),
Channel 1 = EAOUT, Channel 2 = EAOUT2


Podobny numer części - ADuM4190SRIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuM4190SRIZ AD-ADuM4190SRIZ Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
More results

Podobny opis - ADuM4190SRIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190 AD-ADUM3190_16 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com