Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLY02.100 Arkusz danych(PDF) 10 Page - PULS GmbH

Numer części MLY02.100
Szczegółowy opis  DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULS [PULS GmbH]
Strona internetowa  http://www.pulspower.com/
Logo PULS - PULS GmbH

MLY02.100 Arkusz danych(HTML) 10 Page - PULS GmbH

Back Button MLY02.100 Datasheet HTML 6Page - PULS GmbH MLY02.100 Datasheet HTML 7Page - PULS GmbH MLY02.100 Datasheet HTML 8Page - PULS GmbH MLY02.100 Datasheet HTML 9Page - PULS GmbH MLY02.100 Datasheet HTML 10Page - PULS GmbH MLY02.100 Datasheet HTML 11Page - PULS GmbH MLY02.100 Datasheet HTML 12Page - PULS GmbH MLY02.100 Datasheet HTML 13Page - PULS GmbH MLY02.100 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MLY02.100
MiniLine
MLY-Series
DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
10. ENVIRONMENT
Operational temperature *)
-40°C to +70°C (-40°F to 158°F)
Reduce output power above +60°C
Output de-rating
0.25A/°C
60-70°C (140°F to 158°F), see
Storage temperature
-40 to +85°C (-40°F to 185°F)
for storage and transportation
Humidity **)
5 to 95% r.H.
IEC 60068-2-30
Vibration sinusoidal ***)
2-17.8Hz: ±1.6mm
17.8-500Hz: 2g
2 hours / axis
IEC 60068-2-6
Shock ***)
15g 6ms, 10g 11ms
3 bumps / direction
18 bumps in total
IEC 60068-2-27
Altitude
0 to 2000m (0 to 6 560ft)
without any restrictions
2000 to 6000m (6 560 to 20 000ft)
reduce output power or ambient temperature,
see Fig. 10-2
Altitude de-rating
0.7A/1000m or 5°C/1000m
> 2000m (6500ft), see Fig. 10-2
Over-voltage category
not applicable
The concept of the overvoltage category is
used for equipment energized directly from
the low voltage mains (IEC 60664-1 §4.3.3.2.1).
Degree of pollution
2
IEC 62103, EN 50178, not conductive
LABS compatibility
The unit does not release any silicone or other LABS-critical substances and is suitable for
use in paint shops.
*)
Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
**) Do not energize while condensation is present
***) Tested in combination with DIN-Rails according to EN 60715 with a height of 15mm and a thickness of 1.3mm and standard mounting
orientation.
Fig. 10-1 Output current vs. ambient temp.
Fig. 10-2 Output current vs. altitude
Allowed Output Current
0
0
2000
4000
6000m
2.5
5.0
7.5
10.0
12.5
15.0
normal mode
Altitude
overload / short circuit
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
A
B
C
17.5A
Allowed Output Current
0
-40
0
20
40
70°C
2.5
5.0
7.5
10.0
12.5
15.0
60
-25
normal mode
at overload / short circuit
Ambient Temperature
17.5A
Apr. 2014 / Rev. 1.3 DS-MLY02.100-EN
All parameters are specified at 24V, 10A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
10/16


Podobny numer części - MLY02.100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
MLY10.241 PULS-MLY10.241 Datasheet
421Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
More results

Podobny opis - MLY02.100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
MLY10.241 PULS-MLY10.241 Datasheet
421Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
YR2.DIODE PULS-YR2.DIODE Datasheet
542Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
   DUAL REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
   24-28V, 20A, DUAL REDUNDANCY MODULE
YR20.242 PULS-YR20.242 Datasheet
508Kb / 17P
   12-28V, 20A, DUAL REDUNDANCY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com