Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-BGA600D-01 Arkusz danych(PDF) 5 Page - Ironwood Electronics.

Numer części SS-BGA600D-01
Szczegółowy opis  Minimum real estate required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA600D-01 Arkusz danych(HTML) 5 Page - Ironwood Electronics.

  SS-BGA600D-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA600D-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA600D-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA600D-01 Datasheet HTML 4Page - Ironwood Electronics. SS-BGA600D-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
PAGE 5 of 5
Status: Released
Drawing: J. Glab
Scale:
Rev: A
Date: 3/15/07
Modified:
File: SS-BGA600D-01 Dwg
SS-BGA600D-01 Drawing
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
A
50.600mm
[1.992"]
55.23mm [2.174"]
10.50mm [0.413"]
24.00mm [0.945"]
39.00mm [1.535"]
17.68mm [0.696"]
9.19mm [0.362"]
5.18mm [0.204"]
32.79mm [1.291"]


Podobny numer części - SS-BGA600D-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SS-BGA625A-01 IRONWOOD-SS-BGA625A-01 Datasheet
225Kb / 5P
   Minimum real estate required
SS-BGA63D-01 IRONWOOD-SS-BGA63D-01 Datasheet
115Kb / 5P
   Compression plate distributes evenly
SS-BGA63E-01 IRONWOOD-SS-BGA63E-01 Datasheet
115Kb / 5P
   Compression plate distributes evenly
SS-BGA650A-01 IRONWOOD-SS-BGA650A-01 Datasheet
116Kb / 4P
   Compression plate distributes forces evenly
SS-BGA672B-01 IRONWOOD-SS-BGA672B-01 Datasheet
147Kb / 4P
   Compression plate distributes evenly
More results

Podobny opis - SS-BGA600D-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com