Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9-305927-1 Arkusz danych(PDF) 1 Page - TE Connectivity Ltd

Numer części 9-305927-1
Szczegółowy opis  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-305927-1 Arkusz danych(HTML) 1 Page - TE Connectivity Ltd

  9-305927-1 Datasheet HTML 1Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 2Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 3Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 4Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 5Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 6Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Instruction Sheet
1 of 7
© 2016 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
408-1535
12 FEB 16
Rev T
Figure 1
1. INTRODUCTION
Hand Crimping Tools 46673, 46673-1, and 46988 are used to crimp high-temperature and heat-resistant
STRATO-THERM terminals and splices onto wire sizes 22 through 14 AWG.
NOTE
All dimensions on this document are in metric units [with U.S. customary units in brackets]. Figures and illustrations are for
identification only and are not drawn to scale.
Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
2. DESCRIPTION
Each hand tool features an indenter crimping jaw, an anvil crimping jaw, locator, two insulation crimping
adjustment pins, and a CERTI-CRIMP hand crimping tool ratchet control. The hand tool has the wire size
marked on the BACK side of the tool. The locator positions the terminal or splice between the crimping jaws.
The insulation crimping adjustment pins are used to regulate the crimp height of the insulation barrel sleeve.
The hand tool ratchet ensures full crimping of the terminal. Once engaged, the ratchet will not release until the
tool handles have been FULLY closed. See Figure 1.
NOTE
The crimping jaws bottom before the CERTI-CRIMP hand crimping tool ratchet control releases. This design feature ensures
maximum electrical and tensile performance of the crimp. Do NOT re-adjust the ratchet.
3. CRIMPING PROCEDURE
1. Strip the wire using the recommended strip-length dimensions provided in Figure 2.
TOOL
WIRE
SIZE (AWG)
INSULATION RANGE
STRIP LENGTH
46673
22-16
2.67-3.56 [.105-.140]
5.16-5.94 [.203-.234]
46673-1
1.29-3.56 [.051-.140]
46988
16-14
3.05-4.32 [.120-.170]
Figure 2
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low
volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
Hand Crimping Tools 46673,
46673-1, and 46988 for
STRATO-THERM* Terminals
Back Side of Tool
Wire Size Marking
Indenter Crimping Jaw
CERTI-CRIMP* Hand
Crimping Tool Ratchet
Control
Anvil Crimping Jaw
Locator
Insulation Crimping
Adjustment Pins


Podobny numer części - 9-305927-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
9-305927-1 TEC-9-305927-1 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
9-305927-1 MACOM-9-305927-1 Datasheet
187Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
9-305927-1 MACOM-9-305927-1 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Podobny opis - 9-305927-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com