Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33972 Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MC33972
Szczegółowy opis  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33972 Arkusz danych(HTML) 3 Page - Motorola, Inc

  MC33972 Datasheet HTML 1Page - Motorola, Inc MC33972 Datasheet HTML 2Page - Motorola, Inc MC33972 Datasheet HTML 3Page - Motorola, Inc MC33972 Datasheet HTML 4Page - Motorola, Inc MC33972 Datasheet HTML 5Page - Motorola, Inc MC33972 Datasheet HTML 6Page - Motorola, Inc MC33972 Datasheet HTML 7Page - Motorola, Inc MC33972 Datasheet HTML 8Page - Motorola, Inc MC33972 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33972
3
TERMINAL DEFINITIONS
A functional description of each terminal can be found in the System/Application Information section beginning on page 9.
Terminal
Terminal
Name
Formal Name
Definition
1
GND
Ground
Ground for logic, analog, and switch to battery inputs.
2
SI
SPI Slave In
SPI control data input terminal from MCU to 33972.
3
SCLK
Serial Clock
SPI control clock input terminal.
4
CS
Chip Select
SPI control chip select input terminal from MCU to 33972. Logic [0} allows data to be
transferred in.
5–8
25–28
SP0–3
SP4–7
Programmable Switches 0–7
Programmable switch-to-battery or switch-to-ground input terminals.
9–15,
18–24
SG0–6,
SG13–7
Switch-to-Ground Inputs 0–13
Switch-to-ground input terminals.
16
VPWR
Battery Input
Battery supply input terminal. Terminal requires external reverse battery protection.
17
WAKE
Wake-Up
Open drain wake-up output. Designed to control a power supply enable terminal.
29
INT
Interrupt
Open-drain output to MCU. Used to indicate input switch change of state.
30
AMUX
Analog Multiplex Output
Analog multiplex output.
31
VDD
Voltage Drain Supply
3.3/5.0 V supply. Sets SPI communication level for SO driver.
32
SO
SPI Slave Out
Provides digital data from 33972 to MCU.
SO
1
SP7
SP6
SP5
SP4
SG7
SG8
SG9
SG10
SG11
SG13
WAKE
SG12
INT
VDD
AMUX
GND
SP0
SP1
SP2
SP3
SG0
SG1
SG2
SG3
SG4
SG6
VPWR
SG5
CS
SI
SCLK
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC33972

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
MC33972A FREESCALE-MC33972A Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results

Podobny opis - MC33972

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com