Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA311 Arkusz danych(PDF) 2 Page - Samsung semiconductor

Numer części KA311
Szczegółowy opis  SINGLE COMPARATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA311 Arkusz danych(HTML) 2 Page - Samsung semiconductor

  KA311 Datasheet HTML 1Page - Samsung semiconductor KA311 Datasheet HTML 2Page - Samsung semiconductor KA311 Datasheet HTML 3Page - Samsung semiconductor KA311 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KA311
SINGLE COMPARATOR
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (V
CC = 15V, TA = 25
&, unless otherwise specified)
NOTE 1. 0
TA
+70
&
2. The response time specified is for a 100mV input step with 5mV over drive.
Characteristic
Symbol
Value
Unit
Total Supply Voltage
Output to Negative Supply Voltage KA311
Ground to Negative voltage
Differential Input Voltage
Input Voltage
Output Short Circuit Duration
Power Dissipation
Operating Temperature Range
Storage Temperature Range
VCC
VO - VEE
VEE
VI(DIFF)
VI
PD
TOPR
TSTG
36
40
30
30
15
10
500
0 ~ +70
- 65 ~ +150
V
V
V
V
V
sec
mW
&
&
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
RS
50KÎ
1.0
7.5
NOTE 1
10
650
NOTE 1
70
100
250
NOTE 1
300
Voltage Gain
GV
40
200
V/mV
Response Time
tRES
NOTE 2
200
nS
IO =50mA, VI
-10mV
0.75
1.5
Saturation Voltage
VSAT
VCC
4.5V, VEE = 0V
ISINK =8mA, VI
-10mV, NOTE 1
0.23
0.4
V
Strobe “NO” Current
ISTR(ON)
3mA
Output Leakage Current
ISINK
ISTR =3mA, VI
10mV
VO(P) =35V, VEE =VGND =-5V
0.2
50
nA
Input Voltage Range
VI(R)
NOTE 1
-14.5
to 13.0
-14.7
to 13.8
V
Positive Supply Current
ICC
3.0
7.5
mA
Negative Supply Current
IEE
-2.2
-5.0
mA
Strobe Current
ISTR
3mA
Input Offset Voltage
VIO
Input Offset Current
IIO
Input Bias Current
IBIAS
mV
nA
nA


Podobny numer części - KA311

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311 Datasheet
99Kb / 10P
   Single Comparator
KA311 FAIRCHILD-KA311 Datasheet
396Kb / 8P
   Single Comparator
KA311D FAIRCHILD-KA311D Datasheet
99Kb / 10P
   Single Comparator
KA311DTF FAIRCHILD-KA311DTF Datasheet
396Kb / 8P
   Single Comparator
KA311 FAIRCHILD-KA311_05 Datasheet
396Kb / 8P
   Single Comparator
More results

Podobny opis - KA311

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311_05 Datasheet
396Kb / 8P
   Single Comparator
logo
Toshiba Semiconductor
TC75S58F TOSHIBA-TC75S58F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
First Silicon Co., Ltd
FA393SOT FS-FA393SOT Datasheet
343Kb / 3P
   Single Comparator
logo
Toshiba Semiconductor
TC75S59F TOSHIBA-TC75S59F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
LM311 FAIRCHILD-LM311 Datasheet
99Kb / 10P
   Single Comparator
logo
Mitsubishi Electric Sem...
M5239L MITSUBISHI-M5239L Datasheet
80Kb / 3P
   SINGLE COMPARATOR
logo
New Japan Radio
NJM2406 NJRC-NJM2406 Datasheet
155Kb / 5P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311 Datasheet
99Kb / 10P
   Single Comparator
logo
Toshiba Semiconductor
TA7523AS TOSHIBA-TA7523AS Datasheet
239Kb / 7P
   SINGLE COMPARATOR
TC75S57F TOSHIBA-TC75S57F Datasheet
252Kb / 7P
   SINGLE COMPARATOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com