Zakładka z wyszukiwarką danych komponentów |
|
KA78L05AD Arkusz danych(PDF) 11 Page - Fairchild Semiconductor |
|
KA78L05AD Arkusz danych(HTML) 11 Page - Fairchild Semiconductor |
11 / 16 page KA78LXXA/KA78L05AA 11 Absolute Maximum Ratings Electrical Characteristics(KA78L05AA) (Continued) (VI = 10V, IO = 40mA, 0 °C ≤ TJ ≤ 125°C, CI = 0.33 µF, CO = 0.1µF, unless otherwise specified. (Note 1) Note: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD ≤ 0.75W. Parameter Symbol Value Unit Input Voltage (for VO = 5V, 8V) (for VO = 12V to 18V) (for VO = 24V VI 30 35 40 V V V Operating Junction Temperature Range TJ 0 ~ +150 °C Storage Temperature Range TSTG -65 ~ +150 °C Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = 25 °C4.9 5.0 5.1 V Line Regulation (Note1) ∆VO TJ = 25 °C 7V ≤≤≤≤ VI ≤≤≤≤ 20V - 8 150 mV 8V ≤≤≤≤ VI ≤≤≤≤ 20V - 6 100 mV Load Regulation (Note1) ∆VO TJ = 25 °C 1mA ≤ IO ≤ 100mA - 11 50 mV 1mA ≤ IO ≤ 40mA - 5.0 25 mV Output Voltage VO 7V ≤VI ≤20V 1mA ≤ IO ≤ 40mA - - 5.15 V 7V ≤VI ≤ VMAX (Note 2) 1mA ≤ IO ≤ 70mA 4.85 - 5.15 V Quiescent Current IQ TJ = 25 °C- 2.0 5.5 mA Quiescent Current Change with line ∆IQ 8V ≤VI ≤ 20V - - 1.5 mA with load ∆IQ 1mA ≤ IO ≤ 40 mA - - 0.1 mA Output Noise Voltage VN TA = 25 °C, 10Hz ≤ f ≤ 100kHz - 40 - µV/Vo Temperature Coefficient of VO ∆VO/∆TIO = 5mA - -0.65 - mV/ °C Ripple Rejection RR f = 120Hz, 8V ≤ VI ≤ 18V, TJ = 25°C41 80 - dB Dropout Voltage VD TJ = 25 °C- 1.7 - V |
Podobny numer części - KA78L05AD |
|
Podobny opis - KA78L05AD |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |