Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC128S102QML-SP Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC128S102QML-SP
Szczegółowy opis  Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102QML-SP Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC128S102QML-SP Datasheet HTML 1Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 2Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 3Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 4Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 5Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 6Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 7Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 8Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
1
CS
16
SCLK
2
VA
15
DOUT
3
AGND
14
DIN
4
IN0
13
VD
5
IN1
12
DGND
6
IN2
11
IN7
7
IN3
10
IN6
8
IN4
9
IN5
Not to scale
4
ADC128S102QML-SP
SNAS411O – AUGUST 2008 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
NAC Package
16-Pin CFP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
ANALOG I/O
IN0 to IN7
4
Input
(Analog)
Analog inputs. These signals can range from 0 V to VREF.
5
6
7
8
9
10
11
DIGITAL I/O
CS
1
Input
(Digital)
Chip select. On the falling edge of CS, a conversion process begins. Conversions
continue as long as CS is held low.
DIN
14
Input
(Digital)
Digital data input. The ADC128S102QML-SP's Control Register is loaded through this
pin on rising edges of the SCLK pin.
DOUT
15
Output
(Digital)
Digital data output. The output samples are clocked out of this pin on the falling edges
of the SCLK pin.
SCLK
16
Input
(Digital)
Digital clock input. The specified performance range of frequencies for this input is 0.8
MHz to 16 MHz. This clock directly controls the conversion and readout processes.
POWER SUPPLY
AGND
3
Ground
The ground return for the analog supply and signals.
DGND
12
Ground
The ground return for the digital supply and signals.
VA
2
Supply
Positive analog supply pin. This voltage is also used as the reference voltage. This
pin should be connected to a quiet 2.7 V to 5.25 V source and bypassed to GND with
1-µF and 0.1-µF monolithic ceramic capacitors located within 1 cm of the power pin.
VD
13
Supply
Positive digital supply pin. This pin should be connected to a 2.7 V to VA supply, and
bypassed to GND with a 0.1-µF monolithic ceramic capacitor located within 1 cm of
the power pin.


Podobny numer części - ADC128S102QML-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
More results

Podobny opis - ADC128S102QML-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102-SEP TI-ADC128S102-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com