Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC128S102WGRQV Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC128S102WGRQV
Szczegółowy opis  Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102WGRQV Arkusz danych(HTML) 5 Page - Texas Instruments

  ADC128S102WGRQV Datasheet HTML 1Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 2Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 3Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 4Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 5Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 6Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 7Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 8Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
ADC128S102QML-SP
www.ti.com
SNAS411O – AUGUST 2008 – REVISED AUGUST 2016
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum voltage is not to exceed 6.5 V
(3)
When the input voltage at any pin exceeds the power supplies (that is, VIN less than AGND or VIN greater than VA or VD), the current at
that pin should be limited to 10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed
the power supplies with an input current of 10 mA to two.
(4)
The absolute maximum junction temperature (TJmax) for this device is 175°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (RθJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA)/RθJA. The values for maximum power dissipation listed above will be reached only when the ADC128S102QML-
SP is operated in a severe fault condition (for example, when input or output pins are driven beyond the power supply voltages, or the
power supply polarity is reversed). Obviously, such conditions should always be avoided.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VA
Analog supply voltage
–0.3
6.5
V
VD
Digital supply voltage(2)
–0.3
VA + 0.3
V
Voltage on any pin to GND
–0.3
VA + 0.3
V
Input current at any pin (3)
±10
mA
Power dissipation TA = 25°C
See (4)
Package input current(3)
±20 mA
mA
Soldering temperature, 10 seconds
260
°C
Junction temperature
175
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human body model is 100-pF capacitor discharged through a 1.5-k
Ω resistor. Machine model is 220 pF discharged through 0 Ω.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±8000
V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is functional, but do not verify specific performance limits. For specifications and test conditions, see the
Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0 V, unless otherwise specified.
6.3 Recommended Operating Conditions
See
(1) (2)
MIN
MAX
UNIT
Operating temperature
–55
125
°C
VA supply voltage
2.7
5.25
V
VD supply voltage
2.7
VA
V
Digital input voltage
0
VA
V
Analog input voltage
0
VA
V
Clock frequency
0.8
16
MHz


Podobny numer części - ADC128S102WGRQV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC128S102WGRQV NSC-ADC128S102WGRQV Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Podobny opis - ADC128S102WGRQV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102-SEP TI-ADC128S102-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com