Zakładka z wyszukiwarką danych komponentów |
|
TP04DA12D12 Arkusz danych(PDF) 1 Page - Toppower Electronic Technology Limited |
|
TP04DA12D12 Arkusz danych(HTML) 1 Page - Toppower Electronic Technology Limited |
1 / 4 page TP04DA Series www.gztoppower.com TEL:0086-20-82019000 EMAIL:sales2@gztoppower.com page 1 of 4 DESCRIPTION : : : : The rated output power of TP04DA converters is 4W,the outline dimensions is "31.75*20.32*11.2", 2:1 and 4:1 wide input voltage range,the voltage range is 4.9V-9V,9V-18V,18V-36V,36V-72V,9V-36V and 18V-72VDC.The accuracy of the converter can reach ±1% ,It can be widely used in telecommunications, railway transportation, instrument and etc. 4W Wide Range Input Voltage DC/DC Converters All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified. *Only product when order confirmed. FEATURES 4W output power 2:1 and 4:1 wide input voltage range Over load protection 31.75mm*20.32mm*11.2mm standard package Fixed switching frequency Operating temperature: -40℃to 85℃ Metal shell packaging RoHS compliant 3KVDC isolated optional SELECTION GUIDE Part Number Input Vlotage Output Efficiency(Typ) % Maxium capacitive load (u F) voltage (VDC) Voltage (VDC) Current (A) Rated Range values TP04DA05S05 5(2:1) 4.5-9 5 0.8 ≥73 1000 TP04DA05D05 5(2:1) 4.5-9 ±5 ±0.4 ≥73 ±470 TP04DA12S04 12(2:1) 9-18 3.3 1.2 ≥73 2200 TP04DA12S05 12(2:1) 9-18 5 0.8 ≥74 1000 TP04DA12S12 12(2:1) 9-18 12 0.33 ≥75 220 TP04DA12S15 12(2:1) 9-18 15 0.26 ≥75 100 TP04DA12D05 12(2:1) 9-18 ±5 ±0.4 ≥76 ±470 TP04DA12D12 12(2:1) 9-18 ±12 ±0.16 ≥78 ±100 TP04DA12D15 12(2:1) 9-18 ±15 ±0.13 ≥79 ±47 TP04DA24S04 24(2:1) 18-36 3.3 1.2 ≥74 2200 TP04DA24S05 24(2:1) 18-36 5 0.8 ≥76 1000 TP04DA24S12 24(2:1) 18-36 12 0.33 ≥76 220 TP04DA24S15 24(2:1) 18-36 15 0.26 ≥76 220 TP04DA24D05 24(2:1) 18-36 ±5 ±0.4 ≥78 ±470 TP04DA24D12 24(2:1) 18-36 ±12 ±0.16 ≥79 ±100 TP04DA24D15 24(2:1) 18-36 ±15 ±0.13 ≥79 ±47 TP04DA48S04 48(2:1) 36-72 3.3 1.2 ≥74 2200 TP04DA48S05 48(2:1) 36-72 5 0.8 ≥76 680 TP04DA48S12 48(2:1) 36-72 12 0.33 ≥78 330 TP04DA48S15 48(2:1) 36-72 15 0.26 ≥78 100 TP04DA48D05 48(2:1) 36-72 ±5 ±0.4 ≥79 ±470 TP04DA48D12 48(2:1) 36-72 ±12 ±0.16 ≥79 ±100 TP04DA48D15 48(2:1) 36-72 ±15 ±0.13 ≥80 ±47 TP04DA24S05W 24(4:1) 9-36 5 0.8 ≥75 680 TP04DA24S12W 24(4:1) 9-36 12 0.33 ≥75 330 TP04DA24S15W 24(4:1) 9-36 15 0.26 ≥75 100 TP04DA24D05W 24(4:1) 9-36 ±5 ±0.4 ≥77 ±470 TP04DA24D12W 24(4:1) 9-36 ±12 ±0.16 ≥78 ±100 TP04DA24D15W 24(4:1) 9-36 ±15 ±0.13 ≥78 ±47 TP04DA48S05W 48(4:1) 18-72 5 0.8 ≥75 680 TP04DA48S12W 48(4:1) 18-72 12 0.33 ≥77 470 TP04DA48S15W 48(4:1) 18-72 15 0.26 ≥77 100 |
Podobny numer części - TP04DA12D12 |
|
Podobny opis - TP04DA12D12 |