Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA1505D Arkusz danych(PDF) 3 Page - Toppower Electronic Technology Limited

Numer części TPA1505D
Szczegółowy opis  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPPOWER [Toppower Electronic Technology Limited]
Strona internetowa  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPA1505D Arkusz danych(HTML) 3 Page - Toppower Electronic Technology Limited

  TPA1505D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPA1505D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPA1505D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPA 3.3V, 5V, 12V&15V Series
www.gztoppower.com
TEL:020-61038836
EMAIL:sales@gztoppower.com
page 3 of 3
All dimensions in mm±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 2.4g (DIP) 2.1g (SIP)
*Pin not fitted on single output variants
REMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300ºC for 10 seconds. Both SIP and DIP types in this series are backward
compatible with Sn/Pb soldering systems.
MECHANICAL DIMENSIONS
PIN CONNECTIONS
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
OV
9
+Vout
11*
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
OV
6
+Vout
2.54
1.15
1.00 5
HOLES
14 Pin DIP Package
7 Pin SIP Package
14Pin DIP Tube
7Pin SIP Tube
9.30
5.00
12.00
5.05
0.65
SIP Package
Tube length (14 Pin DIP) : 520mm±2mm.
Tube Quantity : 25PCS
2.54
6
1.00
1.15
HOLES
2.54
0.55
0.45
10.00
6.00
7.62
1.09
6.80
9.80
1.54
2.52
0.30
0.20
12.70
1.25
4.60
3.60
YYWW
TPA1205S
19.50
0.55
0.45
TPA1205D
YYWW
19.50
4.60
3.60
2.54
0.55
0.45
1
7
8
9
11
14
1 2
45
6
0.30
0.20
2.13
15.24
*
bottom view
bottom view
TOPPOWER
TOPPOWER
DIP Package
TOPPOWER


Podobny numer części - TPA1505D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPA1505D TOPPOWER-TPA1505D Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1505D TOPPOWER-TPA1505D Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1505D-W25 TOPPOWER-TPA1505D-W25 Datasheet
715Kb / 3P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1505DA TOPPOWER-TPA1505DA Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1505DA TOPPOWER-TPA1505DA Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Podobny opis - TPA1505D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT_19 Datasheet
769Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V01 Datasheet
788Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1-5V TOPPOWER-TPA1-5V Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V_19 Datasheet
709Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V02 Datasheet
863Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPATXXX TOPPOWER-TPATXXX Datasheet
262Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com