Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP-SERIES Arkusz danych(PDF) 7 Page - Tyco Electronics

Numer części TP-SERIES
Szczegółowy opis  Pushbutton Switches, Tiny, Part Number Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

TP-SERIES Arkusz danych(HTML) 7 Page - Tyco Electronics

  TP-SERIES Datasheet HTML 1Page - Tyco Electronics TP-SERIES Datasheet HTML 2Page - Tyco Electronics TP-SERIES Datasheet HTML 3Page - Tyco Electronics TP-SERIES Datasheet HTML 4Page - Tyco Electronics TP-SERIES Datasheet HTML 5Page - Tyco Electronics TP-SERIES Datasheet HTML 6Page - Tyco Electronics TP-SERIES Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TPD/TPF Series
D12
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, Tiny, Vertical or Right Angle, Unthreaded or 1/4-40 Bushing
®
Model
Type
Act. Code P. M6
Action
Bushing Dia.
Contact Type
TPD21MGRA(*)
DPST
M
N.O. Momentary
.250
Gold
TPD21RGRA(*)
DPDT
R
Momentary
.250
Gold
TPF21MGRA(*)
DPST
M
N.O. Momentary
1/4-40
Gold
TPF21RGRA(*)
DPDT
R
Momentary
1/4-40
Gold
(*) Specify button color by adding suffix number: (0) Black, (2) Red.
Note: No center terminal on "M" Action switches.
DPST/DPDT
TPF21MGRA
TPD21MGRA
.226
(5.74)
TO FLAT
.020 Dp. X .040 W.
(0.51 Dp. X (1.06) W.)
KEYWAY
1/4-40
UNS-2A
.132
(3.35)
DIA.
.140
(3.56)
.160
(4.06)
.380
(9.65)
.130
(3.30)
.310
(7.87)
.340
(8.64)
.130
(3.30)
.030
(0.76)
TYP.
.
.245
(6.22)
DIA.
.226
(5.74)
TO FLAT
.132
(3.35)
DIA.
.140
(3.56)
.130
(3.30)
12 3
45 6
.380
(9.65)
.130
(3.30)
.340
(8.64)
.310
(7.87)
.320
(8.13)
.360
(9.14)
.020
(0.51)
TYP.
.160
(4.06)
.030
(0.76)
TYP.
.200
(5.08)
.100
(2.54)
.200
(5.08)
.043
(1.09)
DIA. TYP.
.
Model
Type
Act. Code P. M6
Action
Bushing Dia.
Contact Type
TPD11CGRA(*)
SPST
C
N.O. Momentary
.250
Gold
TPD11FGRA(*)
SPDT
F
Momentary
.250
Gold
TPF11CGRA(*)
SPDT
C
N.O. Momentary
1/4-40
Gold
TPF11FGRA(*)
SPDT
F
Momentary
1/4-40
Gold
(*) Specify button color by adding suffix number: (0) Black, (2) Red.
Note: No center terminal on "C" action switch.
.226
(5.74)
TO FLAT
.022 Dp. X .040 W.
(0.56 Dp. X (1.02) W.)
KEYWAY
1/4-40
UNS-2A
.200
(5.08)
.200
(5.08)
.043
(1.09)
DIA. TYP.
.100
(2.54)
DIA. TYP.
.245
(6.22)
DIA.
.158
(4.01)
.030
(.762)
.340
(8.64)
.310
(7.87)
.135
(3.43)
.030
(0.76)
.226
(5.74)
.130
(3.30)
.158
(4.01)
.132
(3.35)
.311
(7.90)
.3.40
(8.64)
.030
(0.76)
.226
(5.74)
.320
(8.10)
.140
(3.60) .030
(0.76)
.020
(0.51)
TYP.
.206
(5.23)
.281
(7.14)
DIA.
123
.226
(5.74)
TO FLAT
.132
(3.35)
SPST/SPDT
TPD11CGRA
TPF11CGRA
TPD SERIES
TPF SERIES
TPD SERIES
TPF SERIES
DPST/DPDT
TPD21MGPC
Model
Type Act. Code P. M6
Action
Bushing Dia.
Contact Type
TPD21MGPC(*)
DPST
M
N.O. Momentary
.250
Gold
TPD21RGPC(*)
DPDT
R
Momentary
.250
Gold
TPF21MGPC(*)
DPST
M
N.O. Momentary
1/4-40
Gold
TPF21RGPC(*)
DPDT
R
Momentary
1/4-40
Gold
(*) Specify button color by adding suffix number: (0) Black, (2) Red.
Note: No center terminals on "M" Action switches.
.226
(5.74)
TO FLAT
.158
(4.01)
.132
(3.35)
DIA.
.311
(7.90)
.340
(8.64)
.130
(3.30)
.320
(8.13)
.030
(0.76)
TYP.
.9.14
(.360)
1
2
3
4
5
6
.100
(2.54)
TYP.
.020
(0.51)
TYP.
1/4-40
UNS-2A
.020 Dp. X .040 W.
(0.51 Dp. X (1.00) W.)
KEYWAY
.100
(2.54)
.043
(1.09)
DIA. TYP.
.200
(5.08)
.200
(5.08)
.245
(6.22)
DIA.
.226
(5.74)
TO FLAT
.158
(4.01)
.310
(7.87)
.340
(8.64)
.130
(3.30)
.100
(2.54)
TYP.
.020
(0.51)
TYP.
.132
(3.35)
DIA.
TPD SERIES
TPF SERIES
SEE PAGE D6 FOR PRODUCT SPECIFICATIONS


Podobny numer części - TP-SERIES

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tycon Systems, Inc.
TP-SW3G TYCONSYSTEMS-TP-SW3G Datasheet
379Kb / 2P
   PoE / Ethernet Extender
TP-SW3G-WT TYCONSYSTEMS-TP-SW3G-WT Datasheet
320Kb / 2P
   PoE / Ethernet Extender
TP-SW5 TYCONSYSTEMS-TP-SW5 Datasheet
330Kb / 2P
   PoE 5 Port Switch
TP-SW5G-D++ TYCONSYSTEMS-TP-SW5G-D+ Datasheet
332Kb / 2P
   802.3bt Input PoE Switch
TP-SW5G-D-BT TYCONSYSTEMS-TP-SW5G-D-BT Datasheet
317Kb / 2P
   802.3bt 90W PoE Switch
More results

Podobny opis - TP-SERIES

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-6 MACOM-2-1437561-6 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com