Zakładka z wyszukiwarką danych komponentów |
|
5414363-8 Arkusz danych(PDF) 4 Page - Tyco Electronics |
|
5414363-8 Arkusz danych(HTML) 4 Page - Tyco Electronics |
4 / 17 page SMB Connectors, 50 Ohm (Continued) Straight Jacks Bulkhead Jack Adapter (Jack-Jack) Commercial Jack Die Cast Brass 5.56 [.219] Hex. 5/4.88 Dia. [.197/.192] 2.08/2.01 [.082/.079] Maximum Panel Thickness 2.36 [.093] Recommended Panel Cutout for Bulkhead Jack and Adapter 25.40 [1.000] 6.35 [.250] Hex. 17.53 [.690] Max. RG/U Center Body Jack Cable Contact Plating Dielectric Style Part No. Plating 178, 178A, 178B, 196, 196A Gold Nickel TEFLON MIL Type 5414170-2 174, 316, Gold Nickel TEFLON MIL Type 5414170-1 188, 188A Gold Nickel TEFLON Die Cast 414948-1 RD 316, 188 Double Braid Gold Nickel TEFLON Commercial 414948-3 Center Type Contact Body Dielectric Style Part No. Plating Plating Gold Nickel TEFLON MIL Type 228553-1 Jack-To-Jack Gold Gold TEFLON MIL Type 228553-2 MIL Type Jack Bulkhead Jacks 6.35 [.250 ] Hex. 28.60 [1.120] Center Bulkhead RG/U Contact Body Jack. Cable Plating Plating Dielectric Style Part No. 174, 316, Gold Nickel TEFLON Commercial 5415006-1 188,188A Gold Nickel TEFLON Commercial 5228217-1 RD 316, 188 Double Braid Gold Nickel TEFLON Commercial 5415006-2 179 Catalog 1307191 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 3-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 RF Coax Connectors Note: Part Numbers are RoHS compliant except: Indicates non-RoHS compliant. TEFLON is a trademark of E.I. Dupont de Nemours and Company. |
Podobny numer części - 5414363-8 |
|
Podobny opis - 5414363-8 |