Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G-MRCO-021 Arkusz danych(PDF) 6 Page - TE Connectivity Ltd

Numer części G-MRCO-021
Szczegółowy opis  AMR Sensor with 360째 capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

G-MRCO-021 Arkusz danych(HTML) 6 Page - TE Connectivity Ltd

  G-MRCO-021 Datasheet HTML 1Page - TE Connectivity Ltd G-MRCO-021 Datasheet HTML 2Page - TE Connectivity Ltd G-MRCO-021 Datasheet HTML 3Page - TE Connectivity Ltd G-MRCO-021 Datasheet HTML 4Page - TE Connectivity Ltd G-MRCO-021 Datasheet HTML 5Page - TE Connectivity Ltd G-MRCO-021 Datasheet HTML 6Page - TE Connectivity Ltd G-MRCO-021 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
KMT36H 360°
Angular Sensor
SENSOR SOLUTIONS /// KMT36H 360° Rev 5
1/2016
Page 6
360° EVALUATION
In order to distinguish between
and
+180° two additional measurements are needed: one with positive, the other
with negative coil current. In the next step the change in the signals due to the influence of the coil current must be
calculated. The sign of these coil-induced output voltage changes gives the 360°-information by case differentiation
(see figure 4). In principle, this 360° discrimination needs to be computed only once at start up. Nevertheless, it is
recommended to check the measurement periodically. Further details can be found in the corresponding application
note.
APPLICATION EXAMPLE
Figure 5: An exemplary hardware configuration using an Atmel ATtiny44 microcontroller


Podobny numer części - G-MRCO-021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
G-MRCO-001 TEC-G-MRCO-001 Datasheet
373Kb / 9P
   Linear Magnetic Field Sensors
G-MRCO-003 TEC-G-MRCO-003 Datasheet
373Kb / 9P
   Linear Magnetic Field Sensors
G-MRCO-006 TEC-G-MRCO-006 Datasheet
373Kb / 9P
   Linear Magnetic Field Sensors
G-MRCO-007 TEC-G-MRCO-007 Datasheet
373Kb / 9P
   Linear Magnetic Field Sensors
G-MRCO-011 TEC-G-MRCO-011 Datasheet
373Kb / 9P
   Linear Magnetic Field Sensors
More results

Podobny opis - G-MRCO-021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com