Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD-3W Arkusz danych(PDF) 1 Page - Toppower Electronic Technology Limited

Numer części TPD-3W
Szczegółowy opis  3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPPOWER [Toppower Electronic Technology Limited]
Strona internetowa  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPD-3W Arkusz danych(HTML) 1 Page - Toppower Electronic Technology Limited

  TPD-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPD-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPD-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPD-3W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
TPD-3W
series are specially designed for applications where a wide range input voltage power supplies are
isolated from the input power supply in a distributed power supply system on a circuit board. These
products apply to: 1) Where the voltage of the input power supply is wide range (voltage range ≤2:1);
2) Where isolation is necessary between input and output (Isolation Voltage ≤1500VDC);
3) Where isolation is necessary between Vout1 and Vout2 (Isolation Voltage ≤1000VDC); 4) Where the
regulation of the output voltage and the output ripple noise are demanded.
3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
FEATURES
RoHS compliant
2:1 wide input voltage range
UL94-V0 package
Operating temperature: -40
℃ to+85℃
Industry standard pinout
No external component required
Twin output
Five-sided metal shielding
Short circuit protection (automatic recovery)
MTBF>1,000,000 hours
No heat sink required
1.5KVDC Isolated
SELECTION GUIDE
Part Number
Input
Output
Efficiency
(%, Typ.)
Voltage (VDC)
No-load
Current
(mA,Typ)
Voltage
(VDC)
Current( mA)
Nominal
Range
Max.*
Max.
Min.
%
TPD050505D-3W
5 (2:1)
4.5~9.0
11
40
5/5
300/300
30/30
68
TPD051212D-3W
5 (2:1)
4.5~9.0
11
40
12/12
125/125
12/12
71
TPD051515D-3W
5 (2:1)
4.5~9.0
11
40
15/15
100/100
10/10
72
TPD120505D-3W
12 (2:1)
9.0~18
22
20
5/5
300/300
30/30
76
TPD120909D-3W
12 (2:1)
9.0~18
22
20
9/9
166/166
16/16
78
TPD121212D-3W
12 (2:1)
9.0~18
22
20
12/12
125/125
12/12
80
TPD121515D-3W
12 (2:1)
9.0~18
22
20
15/15
100/100
10/10
81
TPD122424D-3W
12 (2:1)
9.0~18
22
20
24/24
62/62
6/6
82
TPD240505D-3W
24 (2:1)
18~36
40
10
5/5
300/300
30/30
76
TPD240512D-3W
24 (2:1)
18~36
40
10
5/12
300/125
30/12
77
TPD241212D-3W
24 (2:1)
18~36
40
10
12/12
125/125
12/12
80
TPD241515D-3W
24 (2:1)
18~36
40
10
15/15
100/100
10/10
79
TPD242424D-3W
24 (2:1)
18~36
40
10
24/24
62/62
6/6
81
TPD480505D-3W
48 (2:1)
36~72
80
5
5/5
300/300
30/30
76
TPD480512D-3W
48 (2:1)
36~72
80
5
5/12
400/83
40/8
78
TPD480909D-3W
48 (2:1)
36~72
80
5
9/9
166/166
16/16
78
TPD481212D-3W
48 (2:1)
36~72
80
5
12/12
125/125
12/12
80
TPD481515D-3W
48 (2:1)
36~72
80
5
15/15
100/100
10/10
81
TPD482424D-3W
48 (2:1)
36~72
80
5
24/24
62/62
6/6
82
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage Temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free Air Convection
Short circuit protection
Continuous, Automatic Recovery
MTBF
1000
K hours
Weight
15
g
TOPPOWER


Podobny numer części - TPD-3W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPD-2W TOPPOWER-TPD-2W Datasheet
684Kb / 3P
   2W 3KVDC Isolated Twin Output DC/DC Converters
TPD-W-1W TOPPOWER-TPD-W-1W Datasheet
781Kb / 3P
   1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
TPD-W5 TOPPOWER-TPD-W5 Datasheet
196Kb / 3P
   0.5W Isolated Twin Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5 Datasheet
797Kb / 3P
   0.5W 3KVDC Isolated Twin Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5_V01 Datasheet
797Kb / 3P
   0.5W 3KVDC Isolated Twin Output DC/DC Converters
More results

Podobny opis - TPD-3W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
WRA-YDV-3W MICRODC-WRA-YDV-3W Datasheet
748Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-ZHD-3W MICRODC-WRA-ZHD-3W Datasheet
988Kb / 3P
   3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
   3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
VRB1205YMD-10WR3 MORNSUN-VRB1205YMD-10WR3 Datasheet
1Mb / 6P
   10W,wide input isolated & regulated single output, DIP packaging, DC-DC converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com