Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R-78B-2.0 Arkusz danych(PDF) 5 Page - Recom International Power

Numer części R-78B-2.0
Szczegółowy opis  Efficiency Up To 96%, No Heatsinks Required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECOM [Recom International Power]
Strona internetowa  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B-2.0 Arkusz danych(HTML) 5 Page - Recom International Power

  R-78B-2.0 Datasheet HTML 1Page - Recom International Power R-78B-2.0 Datasheet HTML 2Page - Recom International Power R-78B-2.0 Datasheet HTML 3Page - Recom International Power R-78B-2.0 Datasheet HTML 4Page - Recom International Power R-78B-2.0 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
INSTALLATION and APPLICATION
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
520.0 x 25.1 x 10.6mm
Packaging Quantity
40pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
non-condensing
95% RH max.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
I-5
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm up unless otherwise specified)
R-78B-2.0
Series
Positive to Negative
Part
Input
Output
Output
Efficiency @ full load
External
Number
Voltage Range
Voltage
Current
@ min Vin
@ max. Vin
Capacitor
[VDC]
[VDC]
[mA]
[%]
[%]
[C1 / C2]
R-78B1.2-2.0
4.75 - 32
-1.2
-1000
86
86
10µF / 10µF
R-78B1.5-2.0
4.75 - 32
-1.5
-1000
74
87
10µF / 10µF
R-78B1.8-2.0
4.75 - 32
-1.8
-1000
76
88
10µF / 10µF
R-78B2.5-2.0
4.75 - 32
-2.5
-1000
79
89
10µF / 10µF
R-78B3.3-2.0
4.75 - 32
-3.3
-1000
83
89
10µF / 10µF
R-78B5.0-2.0
6.5 - 32
-5
-1000
86
90
10µF / 10µF
R-78B9.0-2.0
11 - 32
-9
-1000
90
91
10µF / 10µF
R-78B12-2.0
15 - 32
-12
-1000
91
92
10µF / 10µF
R-78B15-2.0
18 - 32
-15
-1000
92
93
10µF / 10µF
C1
Vin
GND
Vout
C2
0V
0V
+Vin
-Vout
R-78B-2.0


Podobny numer części - R-78B-2.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B-1.5 RECOM-R-78B-1.5 Datasheet
91Kb / 4P
   1.5 AMP SIP3 Single Output
More results

Podobny opis - R-78B-2.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
   Efficiency up to 93%, no need for heatsinks
logo
Silicon Laboratories
SI86XX SILABS-SI86XX Datasheet
1Mb / 52P
   No start-up initialization required
logo
B. B. Battery Co., Ltd.
BP35-12F BB-BATTERY-BP35-12F Datasheet
179Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12S BB-BATTERY-BP33-12S Datasheet
164Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12H BB-BATTERY-BP33-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
BP35-12S BB-BATTERY-BP35-12S Datasheet
163Kb / 1P
   Maintenance free(no water topping-up required)
logo
List of Unclassifed Man...
HR6-12-T2 ETC2-HR6-12-T2 Datasheet
161Kb / 1P
   Maintenance free(no water topping-up required).
logo
B. B. Battery Co., Ltd.
BP35-12H BB-BATTERY-BP35-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
logo
Silicon Laboratories
SI843X SILABS-SI843X Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com