Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPK1205D-3W Arkusz danych(PDF) 2 Page - Toppower Electronic Technology Limited

Numer części TPK1205D-3W
Szczegółowy opis  3W 3KVDC Isolated Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPPOWER [Toppower Electronic Technology Limited]
Strona internetowa  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPK1205D-3W Arkusz danych(HTML) 2 Page - Toppower Electronic Technology Limited

  TPK1205D-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPK1205D-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPK1205D-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPK-3W Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 2 of 3
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13
V
Voltage range
15V input
13.4
15
16.4
V
Voltage range
24V input
22
24
26
V
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
3
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%/%
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
650mW
Input voltage Vin, TPK03
5.5V
Input voltage Vin, TPK05
7V
Input voltage Vin, TPK12
15V
Input voltage Vin, TPK15
18V
Input voltage Vin, TPK24
28V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 minute
3000
VDC
Resistance
Viso= 1000VDC
1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
65
kHz
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output
-40
85
Storage
-50
150
Case Temperature above ambient
5V output
30
Case Temperature above ambient
All other output
30
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
Typical Load Line
10
25
50
75
100
-4%
2%
NOM
V
+5%
Output Load Current(%)
0%
Safe Operating Area
85° C
Ambient Temperature(° C)
150
100
50
0
-40
0
1.5
3.0
4.5
TOPPOWER


Podobny numer części - TPK1205D-3W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPK1205D-3W TOPPOWER-TPK1205D-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
More results

Podobny opis - TPK1205D-3W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA-W25 TOPPOWER-TKA-W25_V01 Datasheet
802Kb / 4P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPK TOPPOWER-TPK Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com