Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG821BRM Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADG821BRM
Szczegółowy opis  <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG821BRM Arkusz danych(HTML) 5 Page - Analog Devices

  ADG821BRM Datasheet HTML 1Page - Analog Devices ADG821BRM Datasheet HTML 2Page - Analog Devices ADG821BRM Datasheet HTML 3Page - Analog Devices ADG821BRM Datasheet HTML 4Page - Analog Devices ADG821BRM Datasheet HTML 5Page - Analog Devices ADG821BRM Datasheet HTML 6Page - Analog Devices ADG821BRM Datasheet HTML 7Page - Analog Devices ADG821BRM Datasheet HTML 8Page - Analog Devices ADG821BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
ADG821/ADG822/ADG823
–5–
TERMINOLOGY
VDD
Most Positive Power Supply Potential
GND
Ground (0 V) Reference
IDD
Positive Supply Current
S
Source Terminal. May be an input or output.
DDrain Terminal. May be an input or output.
IN
Logic Control Input
RON
Ohmic Resistance between D and S
∆R
ON
On Resistance Match between any Two Channels (i.e., RON max – RON min)
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of on resistance as
measured over the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch OFF
ID (OFF)
Drain Leakage Current with the Switch OFF
ID, IS (ON)
Channel Leakage Current with the Switch ON
VD (VS)Analog Voltage on Terminals D and S
VINL
Maximum Input Voltage for Logic “0”
VINH
Minimum Input Voltage for Logic “1”
IINL (IINH)
Input Current of the Digital Input
CS (OFF)
OFF Switch Source Capacitance
CD (OFF)
OFF Switch Drain Capacitance
CD, CS (ON)
ON Switch Capacitance
tON
Delay between Applying the Digital Control Input and the Output Switching ON
tOFF
Delay between Applying the Digital Control Input and the Output Switching OFF
tBBM
OFF time or ON time measured between the 90% points of both switches, when switching from one
address state to another.
Charge Injection
It is a measure of the glitch impulse transferred from the digital input to the analog output during switching.
Crosstalk
It is a measure of unwanted signal that is coupled through from one channel to another as a result
of parasitic capacitance.
Off Isolation
A Measure of Unwanted Signal Coupling through an OFF Switch
Bandwidth
The Frequency at which the Output Is Attenuated by –3 dBs
On Response
The Frequency Response of the ON Switch
Insertion Loss
The Loss due to the On Resistance of the Switch
PIN CONFIGURATION
8-Lead MSOP
(RM-8)
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
S1
D1
IN2
VDD
D2
S2
GND
ADG821/
ADG822/
ADG823
IN1


Podobny numer części - ADG821BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG821BRM AD-ADG821BRM Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRM-REEL AD-ADG821BRM-REEL Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRMZ AD-ADG821BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRMZ-REEL7 AD-ADG821BRMZ-REEL7 Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
More results

Podobny opis - ADG821BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
logo
Analog Devices
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com