Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7516ARQ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADT7516ARQ
Szczegółowy opis  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADT7516ARQ Arkusz danych(HTML) 5 Page - Analog Devices

  ADT7516ARQ Datasheet HTML 1Page - Analog Devices ADT7516ARQ Datasheet HTML 2Page - Analog Devices ADT7516ARQ Datasheet HTML 3Page - Analog Devices ADT7516ARQ Datasheet HTML 4Page - Analog Devices ADT7516ARQ Datasheet HTML 5Page - Analog Devices ADT7516ARQ Datasheet HTML 6Page - Analog Devices ADT7516ARQ Datasheet HTML 7Page - Analog Devices ADT7516ARQ Datasheet HTML 8Page - Analog Devices ADT7516ARQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 5 of 44
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
ON-CHIP REFERENCE
Reference Voltage
4
2.28
V
Temperature Coefficient4
80
ppm/°C
OUTPUT CHARACTERISTICS
4
Output Voltage 6
0.001
VDD − 0.1
V
This is a measure of the minimum and maximum
drive capability of the output amplifier.
DC Output Impedance
0.5
Short Circuit Current
25
mA
VDD = 5 V.
16
mA
VDD = 3 V.
Power-Up Time
2.5
µs
Coming out of power-down mode. VDD = 5 V.
5
µs
Coming out of power-down mode. VDD = 3.3 V.
DIGITAL INPUTS
4
Input Current
±1
µA
VIN = 0 V to VDD.
VIL, Input Low Voltage
0.8
V
VIH, Input High Voltage
1.89
V
Pin Capacitance
3
10
pF
All digital inputs.
SCL, SDA Glitch Rejection
50
ns
Input filtering suppresses noise spikes of less
than 50 ns.
LDAC Pulse Width
20
ns
Edge triggered input.
DIGITAL OUTPUT
Digital High Voltage, VOH
2.4
V
ISOURCE = ISINK = 200 µA.
Output Low Voltage, VOL
0.4
V
IOL = 3 mA.
Output High Current, IOH
1
mA
VOH = 5 V.
Output Capacitance, COUT
50
pF
INT/INT Output Saturation Voltage
0.8
V
IOUT = 4 mA.
I2C TIMING CHARACTERISTICS 7, 8
Serial Clock Period, t1
2.5
µs
Fast Mode I2C. See Figure 2.
Data In Setup Time to SCL High, t2
50
ns
Data Out Stable after SCL Low, t3
0
ns
See Figure 2.
SDA Low Setup Time to SCL
Low (Start Condition), t4
50
ns
See Figure 2.
SDA High Hold Time after SCL
High (Stop Condition), t5
50
ns
See Figure 2.
SDA and SCL Fall Time, t6
90
ns
See Figure 2.
SPI TIMING CHARACTERISTICS
4
, 9
CS to SCLK Setup Time, t1
0
ns
See Figure 3.
SCLK High Pulse Width, t2
50
ns
See Figure 3.
SCLK Low Pulse Width, t3
50
ns
See Figure 3.
Data Access Time after SCLK
Falling Edge, t4, 10
35
ns
Data Setup Time Prior to SCLK
Rising Edge, t5
20
ns
See Figure 3.
Data Hold Time after SCLK Rising
Edge, t6
0
ns
See Figure 3.
CS to SCLK Hold Time, t7
0
µs
See Figure 3.
CS to DOUT High Impedance, t8
40
ns
See Figure 3.


Podobny numer części - ADT7516ARQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7516ARQ-REEL7 AD-ADT7516ARQ-REEL7 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7516ARQZ AD-ADT7516ARQZ Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7516ARQZ-REEL AD-ADT7516ARQZ-REEL Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
More results

Podobny opis - ADT7516ARQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
DAC532A3W TI1-DAC532A3W Datasheet
2Mb / 88P
[Old version datasheet]   DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com