Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74478215 Arkusz danych(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 74478215
Szczegółowy opis  WE-MK Multilayer Ceramic SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74478215 Arkusz danych(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74478215 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74478215 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74478215 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74478215 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74478215 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2.1
2.0
1.0
REV
2015-06-03
2014-04-14
2004-10-11
DATE
SSt
SSt
AWe
BY
HBH
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MK Multilayer Ceramic SMD Inductor
Order.- No.
74478215
SIZE
A4
Size: 0201
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-MK
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 74478215

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74478210 WURTH-74478210 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478212 WURTH-74478212 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478218 WURTH-74478218 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
More results

Podobny opis - 74478215

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744784039A WURTH-744784039A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784133A WURTH-744784133A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784139A WURTH-744784139A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786056A WURTH-744786056A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478222 WURTH-74478222 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478227 WURTH-74478227 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744782039 WURTH-744782039 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744782015 WURTH-744782015 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786182A WURTH-744786182A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784127A WURTH-744784127A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com