Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UZO24.121 Arkusz danych(PDF) 8 Page - PULS GmbH

Numer części UZO24.121
Szczegółowy opis  BATTERY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULS [PULS GmbH]
Strona internetowa  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZO24.121 Arkusz danych(HTML) 8 Page - PULS GmbH

  UZO24.121 Datasheet HTML 1Page - PULS GmbH UZO24.121 Datasheet HTML 2Page - PULS GmbH UZO24.121 Datasheet HTML 3Page - PULS GmbH UZO24.121 Datasheet HTML 4Page - PULS GmbH UZO24.121 Datasheet HTML 5Page - PULS GmbH UZO24.121 Datasheet HTML 6Page - PULS GmbH UZO24.121 Datasheet HTML 7Page - PULS GmbH UZO24.121 Datasheet HTML 8Page - PULS GmbH UZO24.121 Datasheet HTML 9Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
16. RECOMMENDATIONS FOR A LONG BATTERY LIFE
Temperature:
The temperature has the most impact on the service life. The hotter the temperature, the earlier the wear-out phase
of the battery begins. The wear-out results in a degradation of battery capacity. Place the battery module in a cool
location, E.g. near the bottom of the control cabinet. Do not place the battery module near heat generating devices.
Do not overcharge batteries!
Fig. 16-1 Service life vs. ambient temperature, typ.
20°C
10
30°C
35°C
40°C
45°C
8
6
4
2
Ambient Temperature
25°C
1
3
5
7
9
Service Life in Years
Design Life
of Battery
A: 3-5 Years
B: 6-9 Years
C: 10-12 Years
A
B
C
Number of discharge cycles and depth of discharge:
Do not discharge batteries more than necessary. Set buffer time limiter to the required buffer time. The number, as
well as the depth of discharging cycles is limited. A replacement of the battery might be necessary earlier.
When choosing the battery capacity, always try to get the next higher capacity than required. The depth of discharge
reduces the service life of the battery and limits the number of cycles.
Fig. 16-2 Battery degradation vs. discharging
cycles, typ.
0
120%
100%
40%
20%
Number of Discharging Cycles
200
60%
80%
Cell Capacity
Depth of
discharge
A: 100%
B: 50%
C: 30%
400
600
800
1000 1200
A
B
C
Store batteries fully charged
Do not store discharged batteries. Keep batteries fully charged!
Charge retention is important to get the longest battery life. Stored batteries which are not fully charged age faster
then charged batteries. Batteries which are not in use should be recharged at least once a year. The higher the
ambient temperature, the shorter the charging interval. At storage temperatures higher than 30°C, recharging should
be done at least every nine months.
Jul. 2014 / Rev. 1.2 DS-UZK24.121-EN
All parameters are specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/9


Podobny numer części - UZO24.121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
UZO24.121 PULS-UZO24.121 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
More results

Podobny opis - UZO24.121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid States Devices, I...
PM0013 SSDI-PM0013 Datasheet
36Kb / 2P
   BATTERY BYPASS MODULE
logo
TRACO Electronic AG
TIB-BCMU TRACOPOWER-TIB-BCMU Datasheet
580Kb / 7P
   Battery Controller Module
Rev. February 9, 2023
logo
Solid States Devices, I...
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
   BATTERY BYPASS MODULE
SPMS506-01A SSDI-SPMS506-01A Datasheet
132Kb / 2P
   BATTERY BYPASS POWER MODULE
logo
PULS GmbH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZK12.261 PULS-UZK12.261_17 Datasheet
403Kb / 10P
   BATTERY MODULE 12V, 26AH
UZK24.121 PULS-UZK24.121_17 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com