Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS-BGA48Y-74 Arkusz danych(PDF) 1 Page - Ironwood Electronics.

Numer części LS-BGA48Y-74
Szczegółowy opis  Primary dimension units are millimeters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA48Y-74 Arkusz danych(HTML) 1 Page - Ironwood Electronics.

  LS-BGA48Y-74 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.547
1.5050
0.2032
FRONT VIEW
1
2
10.00
7.00
1.875
2.625
5.2500
3.7500
0.7500 typ.
0.4191 pad (x48)
TOP VIEW
A1
PROPRIETARY AND CONFIDENTIAL - THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF IRONWOOD ELECTRONICS, INC. ANY REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF IRONWOOD ELECTRONICS, INC. IS PROHIBITED.
ITEM
NO.
DESCRIPTION
Material
1
Substrate 8x6 48
holes
High Temp FR4
2
Terminal Pin
Brass 360 Half Hard-PS-2
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0254mm [±0.001"],
substrate thickness tolerance ±10%, all other tolerances ±0.127mm [±0.005"]
unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Giga-snaP BGA SMT Land Socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 09/18/2015
Material: N/A
Finish: N/A
Weight: 0.25
LS-BGA48Y-74 Drawing
SCALE: 5.5:1
SHEET: 1 OF 1
ENG: E. Smolentseva
FILE: LS-BGA48Y-74 Dwg
DRAWN BY: M. Raske
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Podobny numer części - LS-BGA48Y-74

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
LS-BGA480B-05 IRONWOOD-LS-BGA480B-05 Datasheet
44Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA480B-31 IRONWOOD-LS-BGA480B-31 Datasheet
41Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA483B-05 IRONWOOD-LS-BGA483B-05 Datasheet
43Kb / 1P
   Materials and specifications are subject to change without notice.
LS-BGA484C-05 IRONWOOD-LS-BGA484C-05 Datasheet
53Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA484C-41 IRONWOOD-LS-BGA484C-41 Datasheet
40Kb / 1P
   Materials and specifications are subject to change without notice
More results

Podobny opis - LS-BGA48Y-74

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com