Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN4810N Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FAN4810N
Szczegółowy opis  Power Factor Correction Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4810N Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN4810N Datasheet HTML 3Page - Fairchild Semiconductor FAN4810N Datasheet HTML 4Page - Fairchild Semiconductor FAN4810N Datasheet HTML 5Page - Fairchild Semiconductor FAN4810N Datasheet HTML 6Page - Fairchild Semiconductor FAN4810N Datasheet HTML 7Page - Fairchild Semiconductor FAN4810N Datasheet HTML 8Page - Fairchild Semiconductor FAN4810N Datasheet HTML 9Page - Fairchild Semiconductor FAN4810N Datasheet HTML 10Page - Fairchild Semiconductor FAN4810N Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PRODUCT SPECIFICATION
FAN4810
REV. 1.0.12 9/24/03
7
Power Factor Correction
Power factor correction makes a nonlinear load look like a
resistive load to the AC line. For a resistor, the current drawn
from the line is in phase with and proportional to the line
voltage, so the power factor is unity (one). A common class
of nonlinear load is the input of most power supplies, which
use a bridge rectifier and capacitive input filter fed from the
line. The peak-charging effect, which occurs on the input
filter capacitor in these supplies, causes brief high-amplitude
pulses of current to flow from the power line, rather than
a sinusoidal current inphase with the line voltage. Such
supplies present a power factor to the line of less than one
(i.e. they cause significant current harmonics of the power
line frequency to appear at their input). If the input current
drawn by such a supply (or any other nonlinear load) can be
made to follow the input voltage in instantaneous amplitude,
it will appear resistive to the AC line and a unity power factor
will be achieved.
To hold the input current draw of a device drawing power
from the AC line in phase with and proportional to the input
voltage, a way must be found to prevent that device from
loading the line except in proportion to the instantaneous
line voltage. The PFC of the FAN4810 uses a boost-mode
DC-DC converter to accomplish this. The input to the
converter is the full wave rectified AC line voltage. No bulk
filtering is applied following the bridge rectifier, so the input
voltage to the boost converter ranges (at twice line
frequency) from zero volts to the peak value of the AC input
and back to zero. By forcing the boost converter to meet two
simultaneous conditions, it is possible to ensure that the
current drawn from the power line is proportional to the
input line voltage. One of these conditions is that the output
voltage of the boost converter must be set higher than the
peak value of the line voltage. A commonly used value is
385VDC, to allow for a high line of 270VACrms. The other
condition is that the current drawn from the line at any given
instant must be proportional to the line voltage. Establishing
a suitable voltage control loop for the converter, which in
turn drives a current error amplifier and switching output
driver satisfies the first of these requirements. The second
requirement is met by using the rectified AC line voltage to
modulate the output of the voltage control loop. Such
modulation causes the current error amplifier to command a
power stage current that varies directly with the input
voltage. In order to prevent ripple, which will necessarily
appear at the output of the boost circuit (typically about
10VAC on a 385V DC level), from introducing distortion
back through the voltage error amplifier, the bandwidth of
the voltage loop is deliberately kept low. A final refinement
is to adjust the overall gain of the PFC such to be propor-
tional to 1/VIN2, which linearizes the transfer function of the
system as the AC input voltage varies.
Since the boost converter topology in the FAN4810 PFC is
of the current-averaging type, no slope compensation is
required.
PFC Circuit Blocks
Gain Modulator
Figure 1 shows a block diagram of the FAN4810. The gain
modulator is the heart of the PFC, as it is this circuit block
which controls the response of the current loop to line
voltage waveform and frequency, rms line voltage, and PFC
output voltage. There are three inputs to the gain modulator.
These are:
1.
A current representing the instantaneous input voltage
(amplitude and waveshape) to the PFC. The rectified AC
input sine wave is converted to a proportional current
via a resistor and is then fed into the gain modulator at
IAC. Sampling current in this way minimizes ground
noise, as is required in high power switching power con-
version environments. The gain modulator responds lin-
early to this current.
2.
A voltage proportional to the long-term RMS AC line
voltage, derived from the rectified line voltage after
scaling and filtering. This signal is presented to the gain
modulator at VRMS. The gain modulator’s output is
inversely proportional to VRMS2 (except at unusually
low values of VRMS where special gain contouring
takes over, to limit power dissipation of the circuit
components under heavy brownout conditions). The
relationship between VRMS and gain is called K, and is
illustrated in the Typical Performance Characteristics.
3.
The output of the voltage error amplifier, VEAO. The
gain modulator responds linearly to variations in this
voltage.
The output of the gain modulator is a current signal, in the
form of a full wave rectified sinusoid at twice the line
frequency. This current is applied to the virtual-ground
(negative) input of the current error amplifier. In this way
the gain modulator forms the reference for the current error
loop, and ultimately controls the instantaneous current draw
of the PFC from the power line. The general form for the
output of the gain modulator is:
More exactly, the output current of the gain modulator is
given by:
where K is in units of V-1.
Note that the output current of the gain modulator is limited
to 500µA.
I
GAINMOD
I
AC
VEAO
×
V
RMS
2
−−−−−−−−−−−−−−−−−−−− 1V
×
=
(1)
I
GAINMOD
K
VEAO
0.625V
()
×
I
AC
×
=


Podobny numer części - FAN4810N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4810EVAL FAIRCHILD-FAN4810EVAL Datasheet
62Kb / 6P
   Power Factor Controller
More results

Podobny opis - FAN4810N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com