Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS-3-100-2203-F Arkusz danych(PDF) 2 Page - TT Electronics.

Numer części GS-3-100-2203-F
Szczegółowy opis  Thick Film Semi-Precision Metal Glaze??Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GS-3-100-2203-F Arkusz danych(HTML) 2 Page - TT Electronics.

  GS-3-100-2203-F Datasheet HTML 1Page - TT Electronics. GS-3-100-2203-F Datasheet HTML 2Page - TT Electronics. GS-3-100-2203-F Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thick Film Semi-Precision
Metal Glaze™ Power Resistors
GS-3 Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Thick Film Semi-Precision
Metal Glaze™
Power Resistors
GS-3 Series Issue October 2008 Sheet 2 of 3
Dimensions (inches and (mm))
Type
L
W
H
ød
GS-3
0.515 ± 0.010
(13.1 ± 0.3)
0.225 ± 0.008
(5.7 ± 0.2)
1.50 ± 0.125
(38.1 ± 3.2)
0.032 ± 0.002
(0.8128 ± 0.05)
Physical Data
Power Derating Chart
0
75
125
175
100
80
60
40
20
0
Ambient Temperature (°C)
Hot Spot Temperature +25°C Ambient
0
25
50
75
125
100
75
50
25
0
Percent 25°C Power Rating
100
150
175
200
L
W
H
GS-3
d
Make Possible
09.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
25
OBSOLETE


Podobny numer części - GS-3-100-2203-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IRC - a TT electronics ...
GS-31001000F IRCTT-GS-31001000F Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLF IRCTT-GS-31001000FLF Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLFSLT IRCTT-GS-31001000FLFSLT Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLFT24 IRCTT-GS-31001000FLFT24 Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
GS-31001000FLFT25 IRCTT-GS-31001000FLFT25 Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
More results

Podobny opis - GS-3-100-2203-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IRC - a TT electronics ...
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
logo
Vishay Siliconix
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
   Semi-Precision Thick Film Chip Resistors
01-Jan-2022
logo
IRC - a TT electronics ...
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
   Thick Film Metal Glaze Resistor
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
IRC - a TT electronics ...
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
CMH IRCTT-CMH Datasheet
238Kb / 3P
   Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
logo
Vishay Siliconix
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 21-Jan-14
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
   Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 07-Apr-14
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
01-Jan-2022
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com