Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8707KV Arkusz danych(PDF) 4 Page - Nippon Precision Circuits Inc

Numer części SM8707KV
Szczegółowy opis  Clock Generator with Dual PLLs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8707KV Arkusz danych(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8707KV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8707KV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8707KV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8707KV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8707KV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8707KV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8707KV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8707KV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8707KV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SM8707 series
NIPPON PRECISION CIRCUITS INC.—4
Note: Unless otherwise noted, VDD applies to VDD1, VDD2, and VDD3. Similarly, VSS applies to VSS1,
VSS2, and VSS3.
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
VSS = VSS1 = VSS2 = VSS3 = 0V unless otherwise noted.
Note 1: The supply voltage is defined relative to VSS = 0V.
Note 2: The supply voltages applied on VDD1, VDD2, and VDD3 should be derived from a common supply
source.
Note 3: If the supply voltages on VDD1, VDD2, and VDD3 are from different sources, they should be applied
simultaneously. The SM8707 may be damaged if the supply voltage timing is different.
SM8707D
SM8707E
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD1 , VDD2 , VDD3
− 0.3 to + 6.5
V
Supply voltage deviation
VDD1 – VDD2 ,
VDD1 – VDD3 ,
VDD2 – VDD3
± 0.1
V
Input voltage range
VIN
− 0.3 to VDD + 0.3
V
Output voltage range
VOUT
− 0.3 to VDD + 0.3
V
Power dissipation
PD
165
mW
Storage temperature range
Tstg
− 55 to + 125
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage ranges
VDD1 , VDD2 , VDD3
(Note 1, 2, 3)
+ 3.0
+ 3.6
V
Output load capacitance 1
CL1
MO1, MO2, SO1, SO2 outputs
25
pF
Output load capacitance 2
CL2
AO1, AO2 outputs
15
pF
Master clock frequency
fXTAL
When using crystal oscillator
27.0000
MHz
Operating temperature range
Topr
– 40
+ 85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage ranges
VDD1 , VDD2 , VDD3
(Note 1, 2, 3)
+ 3.0
+ 3.6
V
Output load capacitance 1
CL1
MO1 output
40
pF
Output load capacitance 2
CL2
MO2 output
25
pF
Output load capacitance 3
CL3
SO1, SO2, AO1, AO2 outputs
15
pF
Master clock frequency
fXTAL
When using crystal oscillator
27.0000
MHz
Operating temperature range
Topr
– 10
+ 75
°C


Podobny numer części - SM8707KV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
SM8707F NPC-SM8707F Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
More results

Podobny opis - SM8707KV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
   Clock Generator with Dual PLLs, Spread Spectrum, and Margining
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
logo
Maxim Integrated Produc...
MAX9471 MAXIM-MAX9471 Datasheet
3Mb / 13P
   Multiple-Output Clock Generators with Dual PLLs and OTP
Rev 1; 8/06
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com