Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148W-SOD123 Arkusz danych(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Numer części 1N4148W-SOD123
Szczegółowy opis  For surface mounted applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Strona internetowa  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

1N4148W-SOD123 Arkusz danych(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  1N4148W-SOD123 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 1N4148W-SOD123 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 1N4148W-SOD123 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SOD-123 and symbol
Non-reptitive Peak Forward Surge Current
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Continuous Forward Current
VRRM
VRMS
IF
IFSM
Ptot
100
V
75
V
300
-55 ~ +150
A
mW
°C
Units
T , T
j
stg
Symbols
FEATURES
▪ For surface mounted applications
▪ Glass Passivated Chip Junction
▪ Fast reverse recovery time
▪ Ideal for automated placement
▪ Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SOD-123
pprox. Weight:
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
16mg/ 0. 00056oz
1N4148W
mA
at 1ms
4
Absolute Maximum Ratings at 25
°C
Total Power Dissipation
400
Characteristics at T = 25 °C
a
Parameter
Reverse
Voltage
Breakdown
at I =1
R
μA
V(BR)R
75
V
Units
Symbols
1N4148W
Maximum Forward Voltage
VF
V
at 1 m A
at 10 m A
at 50 m A
at 150 m A
0.715
0.855
1.00
1.25
at V =20V
R
at V =75V T =25
R
j
at V =25V
T =150
R
j
at V =75V
T =150
R
j
T =25
j
°C
°C
°C
°C
IR
0.025
1
30
50
μA
5
pF
Cj
Typical Junction Capacitance
Maximum Reverse Recovery Time
ns
trr
Typical
8
1N4148W
Peak Reverse Current
1
2
www.yfwdiode.com


Podobny numer części - 1N4148W-SOD123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 22 - 2
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
331Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
340Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-7 DIODES-1N4148W-7 Datasheet
63Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 7 - 2
More results

Podobny opis - 1N4148W-SOD123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
   For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
   For surface mounted applications
BAV100WS-SOD123F YFWDIODE-BAV100WS-SOD123F Datasheet
505Kb / 3P
   For surface mounted applications
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
   For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
   For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
   For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
   For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19WSFL YFWDIODE-BAV19WSFL Datasheet
445Kb / 3P
   For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
   For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV100W-SOD123 YFWDIODE-BAV100W-SOD123 Datasheet
476Kb / 3P
   For surface mounted applications
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com