Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFAG40 Arkusz danych(PDF) 7 Page - International Rectifier

Numer części IRFAG40
Szczegółowy opis  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-204AA/AE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFAG40 Arkusz danych(HTML) 7 Page - International Rectifier

  IRFAG40 Datasheet HTML 1Page - International Rectifier IRFAG40 Datasheet HTML 2Page - International Rectifier IRFAG40 Datasheet HTML 3Page - International Rectifier IRFAG40 Datasheet HTML 4Page - International Rectifier IRFAG40 Datasheet HTML 5Page - International Rectifier IRFAG40 Datasheet HTML 6Page - International Rectifier IRFAG40 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRFAG40
Foot Notes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65
(0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673
Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 1/01
ISD ≤ 3.9A, di/dt ≤ 100A/µs,
VDD≤ 1000V, TJ ≤ 150°C
Suggested RG =9.1
Repetitive Rating; Pulse width limited by
maximum junction temperature.
VDD = 50V, starting TJ = 25°C,
Peak IL = 3.9A,
Case Outline and Dimensions —TO-204AA (Modified TO-3)
Pulse width
≤ 300 µs; Duty Cycle ≤ 2%


Podobny numer części - IRFAG40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFAG40 IRF-IRFAG40 Datasheet
150Kb / 7P
   Simple Drive Requirements
IRFAG40 IRF-IRFAG40_15 Datasheet
150Kb / 7P
   Simple Drive Requirements
More results

Podobny opis - IRFAG40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFAC40 IRF-IRFAC40 Datasheet
152Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAE30 IRF-IRFAE30 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF460PBF IRF-IRF460PBF Datasheet
143Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?숿RANSISTORS THRU-HOLE (TO-204AA/AE)
IRF034 IRF-IRF034 Datasheet
144Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF054 IRF-IRF054 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAG50 IRF-IRFAG50 Datasheet
156Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF230 IRF-IRF230 Datasheet
151Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAC30 IRF-IRFAC30 Datasheet
144Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF044 IRF-IRF044 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFF310 IRF-IRFF310 Datasheet
129Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com