Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK14CA8-NF45I Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części STK14CA8-NF45I
Szczegółowy opis  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-NF45I Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STK14CA8-NF45I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14CA8-NF45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14CA8-NF45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-NF45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-NF45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-NF45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-NF45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-NF45I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14CA8-NF45I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
6
SRAM WRITE CYCLES #1 & #2
Notes
g: If W
is low when E goes low, the outputs remain in the high-impedance state.
h: E
or W
must be ≥ VIH during address transitions.
SRAM WRITE CYCLE #1:
W Controlledh,f
SRAM WRITE CYCLE #2:
E Controlledh,f
SYMBOLS
STK14CA8-25
STK14CA8-35
STK14CA8-45
UNITS
NO.
#1
#2
Alt.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
25
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
25
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
ns
20
tWLQZe,g
tWZ
Write Enable to Output Disable
10
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
3
3
3
ns
ADDRESS
DATA OUT
DATA IN
W
E
ADDRESS
HIGH IMPEDANCE
DATA VALID
PREVIOUS DATA
14
tELWH
19
tWHAX
17
tAVWH
18
tAVWL
13
tWLWH
15
tDVWH
16
tWHDX
20
tWLQZ
21
tWHQX
12
tAVAV
DATA OUT
DATA IN
W
E
HIGH IMPEDANCE
DATA VALID
12
tAVAV
14
tELEH
18
tAVEL
19
tEHAX
17
tAVEH
13
tWLEH
15
tDVEH
16
tEHDX


Podobny numer części - STK14CA8-NF45I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK14CA8-NF45I SIMTEK-STK14CA8-NF45I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF45I SIMTEK-STK14CA8-NF45I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-NF45I CYPRESS-STK14CA8-NF45I Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-NF45ITR SIMTEK-STK14CA8-NF45ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF45ITR SIMTEK-STK14CA8-NF45ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Podobny opis - STK14CA8-NF45I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com