Zakładka z wyszukiwarką danych komponentów |
|
TPA4411YZH Arkusz danych(PDF) 11 Page - Texas Instruments |
|
TPA4411YZH Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 21 page www.ti.com −120 −100 −80 −60 −40 −20 0 10 100 1 k 10 k 100 k Left to Right Right to Left f − Frequency − Hz VDD = 3.6 V, PO = 20 mW RL = 16 Ω 0 20 40 60 80 100 120 1.8 2.3 2.8 3.3 3.8 4.3 180 ° Out of Phase In Phase VDD − Supply Voltage − V THD = 1 % RL = 16 Ω 0 50 100 150 200 250 1.8 2.3 2.8 3.3 3.8 4.3 180 ° Out of Phase In Phase VDD − Supply Voltage − V THD = 10 % RL = 16 Ω 0 20 40 60 80 100 120 140 160 1.8 2.3 2.8 3.3 3.8 4.3 180 ° Out of Phase In Phase VDD − Supply Voltage − V THD = 1 % RL = 32 Ω 0 50 100 150 200 250 1.8 2.3 2.8 3.3 3.8 4.3 180 ° Out of Phase In Phase VDD − Supply Voltage − V THD = 10 % RL = 32 Ω VDD − Supply Voltage − V 0 1 2 3 4 5 6 7 8 9 10 0 1 1.5 2 2.5 3 3.5 4 4.5 5 30 40 50 60 70 80 90 100 110 120 0 10 20 30 40 50 2.2 µF 1 µF 0.68 µF 0.47 µF RL − Load Resistance − Ω In Phase, VDD = 3 V, THD = 1%, Vary C(PUMP) 0 5 10 15 20 25 30 35 40 10 100 1000 10000 Out of Phase In Phase RL − Load Resistance − Ω VDD = 1.8 V, THD = 10%, fIN = 1 kHz, PO = POUTL + POUTR 0 5 10 15 20 25 30 10 100 1000 10000 Out of Phase In Phase RL − Load Resistance − Ω VDD = 1.8 V, THD = 1%, fIN = 1 kHz, PO = POUTL + POUTR TPA4411 SLOS430 – AUGUST 2004 CROSSTALK OUTPUT POWER OUTPUT POWER vs vs vs FREQUENCY SUPPLY VOLTAGE SUPPLY VOLTAGE Figure 46. Figure 47. Figure 48. OUTPUT POWER OUTPUT POWER QUIESCENT SUPPLY CURRENT vs vs vs SUPPLY VOLTAGE SUPPLY VOLTAGE SUPPLY VOLTAGE Figure 49. Figure 50. Figure 51. OUTPUT POWER OUTPUT POWER OUTPUT POWER vs vs vs LOAD RESISTANCE LOAD RESISTANCE LOAD RESISTANCE Figure 52. Figure 53. Figure 54. 11 |
Podobny numer części - TPA4411YZH |
|
Podobny opis - TPA4411YZH |