Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FPT-64P-M23 Arkusz danych(PDF) 9 Page - Fujitsu Component Limited.

Numer części FPT-64P-M23
Szczegółowy opis  F2MC-8FX MB95160MA Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJITSU [Fujitsu Component Limited.]
Strona internetowa  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FPT-64P-M23 Arkusz danych(HTML) 9 Page - Fujitsu Component Limited.

Back Button FPT-64P-M23 Datasheet HTML 5Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 6Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 7Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 8Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 9Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 10Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 11Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 12Page - Fujitsu Component Limited. FPT-64P-M23 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MB95160MA Series
DS07–12624–3E
9
(Continued)
Pin no.
Pin name
I/O circuit
type*1
Function
26
P94
S
General-purpose I/O ports.
27
P95*2
28
PA0/COM0
M
General-purpose I/O ports.
The pins are shared with LCDC COM output (COM0 to COM3).
29
PA1/COM1
30
PA2/COM2
31
PA3/COM3
32
PB0/SEG00
M
General-purpose I/O ports.
The pins are shared with LCDC SEG output (SEG00 to SEG07).
33
PB1/SEG01
34
PB2/SEG02
35
PB3/SEG03
36
PB4/SEG04
37
PB5/SEG05
38
PB6/SEG06
39
PB7/SEG07
40
PC0/SEG08
M
General-purpose I/O ports.
The pins are shared with LCDC SEG output (SEG08 to SEG15).
41
PC1/SEG09
42
PC2/SEG10
43
PC3/SEG11
44
PC4/SEG12
45
PC5/SEG13
46
PC6/SEG14
47
PC7/SEG15
48
P60/SEG16/
PPG10
M
General-purpose I/O ports.
The pins are shared with LCDC SEG output (SEG16, SEG17)
and 8/16-bit PPG ch.1 output (PPG10, PPG11) .
49
P61/SEG17/
PPG11
50
P62/SEG18/
TO10
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG18) and 8/16-bit
compound timer ch.1 output (TO10) .
51
P63/SEG19/
TO11
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG19) and 8/16-bit
compound timer ch.1 output (TO11) .
52
P64/SEG20/
EC1
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG20) and 8/16-bit
compound timer ch.1 clock input (EC1) .
53
P65/SEG21/
SCK
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG21) and LIN-UART
clock I/O (SCK) .
54
P66/SEG22/
SOT
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG22) and LIN-UART
data output (SOT) .


Podobny numer części - FPT-64P-M23

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
FPT-64P-M09 FUJITSU-FPT-64P-M09 Datasheet
58Kb / 1P
   LOW PROFILE QUAD FLAT PACKAGE 64 PIN PLASTIC
More results

Podobny opis - FPT-64P-M23

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com