Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC2046IGQCR Arkusz danych(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części TSC2046IGQCR
Szczegółowy opis  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046IGQCR Arkusz danych(HTML) 3 Page - Burr-Brown (TI)

  TSC2046IGQCR Datasheet HTML 1Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 2Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 3Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 4Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 5Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 6Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 7Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 8Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TSC2046
3
SBAS265C
www.ti.com
ANALOG INPUT
Full-Scale Input Span
Positive Input-Negative Input
0
VREF
V
Absolute Input Range
Positive Input
–0.2
+VCC + 0.2
V
Negative Input
–0.2
+0.2
V
Capacitance
25
pF
Leakage Current
0.1
µA
SYSTEM PERFORMANCE
Resolution
12
Bits
No Missing Codes
11
Bits
Integral Linearity Error
±2
LSB(1)
Offset Error
±6
LSB
Gain Error
External VREF
±4
LSB
Noise
Including Internal VREF
70
µVrms
Power-Supply Rejection
70
dB
SAMPLING DYNAMICS
Conversion Time
12
CLK Cycles
Acquisition Time
3
CLK Cycles
Throughput Rate
125
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
30
ns
Aperture Jitter
100
ps
Channel-to-Channel Isolation
VIN = 2.5Vp-p at 50kHz
100
dB
SWITCH DRIVERS
On-Resistance
Y+, X+
5
Y–, X–
6
Drive Current(2)
Duration 100ms
50
mA
REFERENCE OUTPUT
Internal Reference Voltage
2.45
2.50
2.55
V
Internal Reference Drift
15
ppm/°C
Quiescent Current
500
µA
REFERENCE INPUT
Range
1.0
+VCC
V
Input Impedance
SER/DFR = 0, PD1 = 0,
1
G
Internal Reference Off
Internal Reference On
250
BATTERY MONITOR
Input Voltage Range
0.5
6.0
V
Input Impedance
Sampling Battery
10
k
Battery Monitor Off
1G
Accuracy
VBAT = 0.5V to 5.5V, External VREF = 2.5V
–2
+2
%
VBAT = 0.5V to 5.5V, Internal Reference
–3
+3
%
TEMPERATURE MEASUREMENT
Temperature Range
–40°C
+85
°C
Resolution
Differential Method(3)
1.6
°C
TEMP0(4)
0.3
°C
Accuracy
Differential Method(3)
±2
°C
TEMP0(4)
±3
°C
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
VIH
| IIH | ≤ +5µA
IOVDD • 0.7
IOVDD + 0.3
V
VIL
| IIL | ≤ +5µA
–0.3
0.3 • IOVDD
V
VOH
IOH = –250µA
IOVDD • 0.8
V
VOL
IOL = 250µA
0.4
V
Data Format
Straight Binary
POWER-SUPPLY REQUIREMENTS
+VCC(5)
Specified Performance
2.7
3.6
V
Operating Range
2.2
5.25
V
IOVDD(6)
1.5
+VCC
V
Quiescent Current(7)
Internal Reference Off
280
650
µA
Internal Reference On
780
µA
fSAMPLE = 12.5kHz
220
µA
Power-Down Mode with
3
µA
CS = DCLK = DIN = IOVDD
Power Dissipation
+VCC = +2.7V
1.8
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, +VCC = +2.7V, VREF = 2.5V internal voltage, fSAMPLE = 125kHz, fCLK = 16 • fSAMPLE = 2MHz, 12-bit mode, digital inputs = GND or IOVDD,
and +VCC must be • IOVDD, unless otherwise noted.
TSC2046
NOTES: (1) LSB means least significant bit. With VREF = +2.5V, one LSB is 610µV. (2) Assured by design, but not tested. Exceeding 50mA source current may result
in device degradation. (3) Difference between TEMP0 and TEMP1 measurement, no calibration necessary. (4) Temperature drift is –2.1mV/°C. (5) TSC2046 operates
down to 2.2V. (6) IOVDD must be - +VCC. (7) Combined supply current from +VCC and IOVDD. Typical values obtained from conversions on AUX input with
PD0 = 0.


Podobny numer części - TSC2046IGQCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2046IGQCR TI1-TSC2046IGQCR Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IGQCR-90 TI1-TSC2046IGQCR-90 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
More results

Podobny opis - TSC2046IGQCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com