Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM-QFN-9020 Arkusz danych(PDF) 4 Page - Ironwood Electronics.

Numer części SM-QFN-9020
Szczegółowy opis  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-QFN-9020 Arkusz danych(HTML) 4 Page - Ironwood Electronics.

  SM-QFN-9020 Datasheet HTML 1Page - Ironwood Electronics. SM-QFN-9020 Datasheet HTML 2Page - Ironwood Electronics. SM-QFN-9020 Datasheet HTML 3Page - Ironwood Electronics. SM-QFN-9020 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14.725
9.725
10.00
3.00
R0.80 (16x)
1.27 (4x)
1.588
6.35
INSULATION AND BACKIN PLATE DETAIL
ITEM
NO.
DESCRIPTION
Material
1
Compression Screw M6x1
Stainless Steel (18-8)
2
Socket Lid 7mm
7075-T6 Aluminum Alloy
3
Compression Plate 7mm IC, 1.5mm thick
7075-T6 (SN)
4
PCB
High Temp FR4
5
#0-80 Shoulder Screw, 0.062" thread length
Stainless Steel (303)
6
#0-80 x 0.5, SH Cap Screw
Alloy Steel
7
Socket Base 7mm
7075-T6 (SN)
8
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
9
SM IC guide 3mm
Torlon 4203
10
SM Interposer QFN16 3mm 0.5
SM elastomer
11
Customer's target PCB
High Temp FR4
12
Insulation Plate 7mm
FR4 Standard
13
Backing Plate
7075-T6 Aluminum Alloy
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket, Backing Plate Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 05/22/2014
Material: N/A
Finish: N/A
Weight: 7.96
SM-QFN-9020 Drawing
SCALE: 3.5:1
SHEET: 4 OF 4
ENG: B. Schatz
FILE: SM-QFN-9020 Dwg
DRAWN BY: M. Raske


Podobny numer części - SM-QFN-9020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SM-QFN-9021 IRONWOOD-SM-QFN-9021 Datasheet
380Kb / 4P
   Compression plate distributes forces evenly
SM-QFN-9022 IRONWOOD-SM-QFN-9022 Datasheet
371Kb / 5P
   Current capability is 4A per pin at 14C temperature rise
More results

Podobny opis - SM-QFN-9020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com