Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM-QFN-9022 Arkusz danych(PDF) 2 Page - Ironwood Electronics.

Numer części SM-QFN-9022
Szczegółowy opis  Current capability is 4A per pin at 14C temperature rise
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-QFN-9022 Arkusz danych(HTML) 2 Page - Ironwood Electronics.

  SM-QFN-9022 Datasheet HTML 1Page - Ironwood Electronics. SM-QFN-9022 Datasheet HTML 2Page - Ironwood Electronics. SM-QFN-9022 Datasheet HTML 3Page - Ironwood Electronics. SM-QFN-9022 Datasheet HTML 4Page - Ironwood Electronics. SM-QFN-9022 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.71±0.10 (X4)
NON-PLATED MOUNTING HOLE
4.00 (x4)
0.8500±0.0500 (x2)
Non-plated alignment hole
0
4.9000
9.3625
9.3625
10.6125
10.6125
11.3625
11.3625
11.8625
11.8625
4.1000
0.50
1.50
3.30
5.50
6.600
2.70
6.600
6.025
7.00
6.30
0.700
0.700
1.700
2.100
2.300
4.900
4.100
Orientation mark
0.7x0.4 pad (x16)
0.7x0.36 pad (x32)
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: same or higher than solder mask.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 5/8/2015
Material: N/A
Finish: N/A
Weight: 2.18
SM-QFN-9022 Drawing
SCALE: 5:1
SHEET: 2 OF 5
ENG: S. Huang
FILE: SM-QFN-9022 Dwg
DRAWN BY: M. Raske


Podobny numer części - SM-QFN-9022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SM-QFN-9020 IRONWOOD-SM-QFN-9020 Datasheet
455Kb / 4P
   Compression plate distributes forces evenly
SM-QFN-9021 IRONWOOD-SM-QFN-9021 Datasheet
380Kb / 4P
   Compression plate distributes forces evenly
More results

Podobny opis - SM-QFN-9022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
LQW15AN9N7H0Z MURATA-LQW15AN9N7H0Z Datasheet
76Kb / 2P
   Rated current (Itemp) (Based on Temperature rise)
logo
Hongfa Technology
HFD23 HONGFA-HFD23_17 Datasheet
60Kb / 3P
   Max. 4A switching capability
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
   High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
List of Unclassifed Man...
IT247 ETC2-IT247 Datasheet
303Kb / 2P
   Ignition current 10mA - 25mA Rise time t at R 400
logo
Delta Electronics, Inc.
MPL135 DELTA-MPL135 Datasheet
274Kb / 1P
   Big current (55A), Footprint compatible with most standard, Lower temperature rise at big current, Low DCR, Without noise
logo
Bel Fuse Inc.
Q48S25033 BEL-Q48S25033 Datasheet
937Kb / 13P
   Higher current capability at 70 쨘C than existing
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
logo
Systemsensor advanced i...
5251RP SYSTEMSENSOR-5251RP Datasheet
41Kb / 4P
   Rate-of-Rise Temperature Sensor
logo
ITT Industries
CCMJ-14C-EL ITT-CCMJ-14C-EL Datasheet
386Kb / 2P
   CCMJ-14C-EL
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com