Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-BGA680B-01 Arkusz danych(PDF) 5 Page - Ironwood Electronics.

Numer części SS-BGA680B-01
Szczegółowy opis  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA680B-01 Arkusz danych(HTML) 5 Page - Ironwood Electronics.

  SS-BGA680B-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA680B-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA680B-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA680B-01 Datasheet HTML 4Page - Ironwood Electronics. SS-BGA680B-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
50.600mm
[1.992"]
55.23mm [2.174"]
8.50mm [0.335"]
22.00mm [0.866"]
37.00mm [1.457"]
17.68mm [0.696"]
9.19mm [0.362"]
5.18mm [0.204"]
32.79mm [1.291"]
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
PAGE 5 of 5
Status: Released
Drawing: J. Glab
Scale:
Rev: A
Date: 7/6/07
Modified:
File: SS-BGA680B-01 Dwg
SS-BGA680B-01 Drawing
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Podobny numer części - SS-BGA680B-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SS-BGA680C-01 IRONWOOD-SS-BGA680C-01 Datasheet
143Kb / 4P
   Compression plate distributes evenly
More results

Podobny opis - SS-BGA680B-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com