Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM-QFN-9006 Arkusz danych(PDF) 3 Page - Ironwood Electronics.

Numer części SM-QFN-9006
Szczegółowy opis  Excellent signal integrity at high frequencies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-QFN-9006 Arkusz danych(HTML) 3 Page - Ironwood Electronics.

  SM-QFN-9006 Datasheet HTML 1Page - Ironwood Electronics. SM-QFN-9006 Datasheet HTML 2Page - Ironwood Electronics. SM-QFN-9006 Datasheet HTML 3Page - Ironwood Electronics. SM-QFN-9006 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.90±0.10
1.90±0.10
0.40 (x4)
0.20 (x4)
0.30
0.20
(ALL)
0.25 (x8)
0.55 (x4)
0.40 (x8)
0.50 (x8)
0.25
0.15 (x16)
0.10 M C A B
0.05 M C
0.90
0.80
0.05
0.00
C
3.00
3.00
B
A
Dimensions are in millimeters.
1.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
2.
Parallelism measurement shall exclude any effect of mark on top surface of package.
3.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: QFN
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 7/5/2012
Material: N/A
Finish: N/A
Weight: 5.20
SM-QFN-9006 Drawing
SCALE: 20:1
SHEET: 3 OF 4
ENG: M.A. Fedde
FILE: SM-QFN-9006
DRAWN BY: M. Raske


Podobny numer części - SM-QFN-9006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SM-QFN-9002 IRONWOOD-SM-QFN-9002 Datasheet
278Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9007 IRONWOOD-SM-QFN-9007 Datasheet
253Kb / 4P
   Excellent signal integrity at high frequencies
SM-QFN-9008 IRONWOOD-SM-QFN-9008 Datasheet
250Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9009 IRONWOOD-SM-QFN-9009 Datasheet
261Kb / 4P
   Excellent signal integrity at high frequencies
More results

Podobny opis - SM-QFN-9006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com