Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM-QFN-9013 Arkusz danych(PDF) 1 Page - Ironwood Electronics.

Numer części SM-QFN-9013
Szczegółowy opis  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-QFN-9013 Arkusz danych(HTML) 1 Page - Ironwood Electronics.

  SM-QFN-9013 Datasheet HTML 1Page - Ironwood Electronics. SM-QFN-9013 Datasheet HTML 2Page - Ironwood Electronics. SM-QFN-9013 Datasheet HTML 3Page - Ironwood Electronics. SM-QFN-9013 Datasheet HTML 4Page - Ironwood Electronics. SM-QFN-9013 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
customer's target PCB
Recommended torque = 2.5-3.5 in-lbs
20.225
12.2250
B
B
10.3292
1.59 min
4.00
14.725
3.00
SECTION B-B
SM QFN SOCKET - direct mount, solderless
Features
• Directly mounts to target PCB (needs tooling holes) with hardware.
• Wide temperature range (-55C to +150C).
• Current capability is 4A per pin at 14C temperature rise.
• Over 40GHz bandwidth @-1dB for edge pins
• Low and stable contact resistance for reliable production yield.
• Self inductance under 0.21nH.
• Easily removable swivel socket lid
Silver ball matrix elastomer
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 10/1/2013
Material: N/A
Finish: N/A
Weight: 10.98
SM-QFN-9013 Drawing
SCALE: 3:1
SHEET: 1 OF 5
ENG: S. Huang
FILE: SM-QFN-9013 Dwg
DRAWN BY: M. Raske


Podobny numer części - SM-QFN-9013

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9012 IRONWOOD-SM-QFN-9012 Datasheet
298Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9015 IRONWOOD-SM-QFN-9015 Datasheet
366Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Podobny opis - SM-QFN-9013

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com